Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics STW4810 Datasheet HTML 38Page - STMicroelectronics STW4810 Datasheet HTML 39Page - STMicroelectronics STW4810 Datasheet HTML 40Page - STMicroelectronics STW4810 Datasheet HTML 41Page - STMicroelectronics STW4810 Datasheet HTML 42Page - STMicroelectronics STW4810 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
STw4810
Functional description
39/78
4.4
USB OTG module
This transceiver complies with the USB specification:
Universal Serial Bus specification revision 2.0
‘On the Go’ supplement to the USB specification revision 1.0-a
Car kit interface specification (see: OTG transceiver specification revision 0.92)
The USB OTG transceiver has two modes: USB mode and UART mode. It includes:
Full and low speed transceiver (12 Mbit/s and 1.5 Mbit/s data rate)
Support data line and VBUS pulsing session request
Host Negotiation Protocol (HNP) command and status register
Charge pump regulator (5 V at 100 mA) to supply VBUS line of the USB cable
VBUS pull-up and pull-down resistors as defined by Session Request Protocol (SRP)
VBUS threshold comparators
VUSB LDO internal regulator which provides power supply for the bus driver and
receiver.
ID line detector and interrupt generator
Dedicated I²C serial control interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com