Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 30Page - STMicroelectronics STW4810 Datasheet HTML 31Page - STMicroelectronics STW4810 Datasheet HTML 32Page - STMicroelectronics STW4810 Datasheet HTML 33Page - STMicroelectronics STW4810 Datasheet HTML 34Page - STMicroelectronics STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics STW4810 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
Functional description
STw4810
34/78
4.3
Power management module
STw4810 includes several regulators that supply the multimedia processor and its
peripherals. All regulators can work in different modes depending on the processor needs.
When the STw4810 is in ‘low current mode’”, the output current is reduced to save energy
via the lower quiescent current. The nominal mode is called high power mode (HPM). The
mode is selected by PWREN signal according to both multimedia processor and STw4810
state.
When PWREN = “0”, sleep mode is selected. HPM is selected as default when PWREN =
“1”.
Each regulator has a dedicated battery power supply. It can be powered down by a signal
called PDN_regulator_name as shown in the
Figure 2: STw4810 block diagram. In this
mode, the regulator is switched off and only a leakage current is present (max. 1µA).
VCORE, VAUX and VPLL output voltages are programmable, through main I2C interface,
using the “Regulator”_SEL[x:0] bits of the power control registers (
Table 22 to Table 27).
In addition, an output current limitation prevents high current delivery in case of output short
circuit.
All multimedia processor power supplies have the same soft start to prevent leakage in the
multimedia processor device during the start-up phase. There is an exception with VAUX
which can be started independently.
4.3.1
Bandgap, biasing and references
Figure 10.
Block diagram of biasing and references of the device
BG
All internal
references
VREF_18
All internal
biasing
Bias generator
Voltage reference
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com