Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 29Page - STMicroelectronics STW4810 Datasheet HTML 30Page - STMicroelectronics STW4810 Datasheet HTML 31Page - STMicroelectronics STW4810 Datasheet HTML 32Page - STMicroelectronics STW4810 Datasheet HTML 33Page - STMicroelectronics STW4810 Datasheet HTML 34Page - STMicroelectronics STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
STw4810
Functional description
33/78
4.2.6
IT generation
STw4810 has three interrupt balls:
IT_WAKE_UP: with only VBAT supply, no other supply available, when a USB cable is
plugged this interrupt is activated to wake up the host or the modem, depends of application
(active low).
USBINTn: This interrupt ball is dedicated to USB protocol and sent to multimedia processor
VDDOK: This ball has two functions:
- When high, it indicates that VIO_VMEM and VCORE output voltages are within the right
range and that the device internal temperature is below the maximum allowed temperature.
- When low, it indicates that output regulators (VCORE or VIO_VMEM) are not regulated
properly or PWREN = “0”, or that the temperature is above the allowed threshold (see
Thermal shut-down section). The interruption source in the application register (address
11h) needs to be checked.
4.2.7
Clock switching and control
This block generates the clock used by the DC/DC converter (USB charge pump, step-down
VIO_VMEM and step-down VCORE). STw4810 is able to sustain the master clock
frequencies of 26 MHz, 19.2MHz and 13 MHz. It can also sustain dedicated MASTER_CLK
signal in the frequency range of 750KHz to 1MHz. If the clock is not detected the internal
oscillator is automatically selected.
Note:
When present the Master clock should remain connected up to sleep mode.
Figure 9.
Clock switching between master and internal clock (1)
INT_OSC
PON
INT_OSC_OK
MASTER_CLK_OK
PDN_INT_OSC
CONTROL_SWITCH
STEP_DOWN_CLK
Third rising edge after switching
internal clock
external clock
transition
* Phase delay is less than 90 between int and ext clock
MASTER_DIV_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com