Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 105 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 105 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 100Page - STMicroelectronics VNF9D5F Datasheet HTML 101Page - STMicroelectronics VNF9D5F Datasheet HTML 102Page - STMicroelectronics VNF9D5F Datasheet HTML 103Page - STMicroelectronics VNF9D5F Datasheet HTML 104Page - STMicroelectronics VNF9D5F Datasheet HTML 105Page - STMicroelectronics VNF9D5F Datasheet HTML 106Page - STMicroelectronics VNF9D5F Datasheet HTML 107Page - STMicroelectronics VNF9D5F Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
Table 53.
Logic inputs (DI0,1 and STDBY_NOT pins) ................................................. 75
Table 54.
Digital timings ..................................................................... 76
Table 55.
Protection ........................................................................ 76
Table 56.
Open-load detection (7 V < VCC < 18 V) ................................................... 77
Table 57.
PWM unit ........................................................................ 77
Table 58.
ADC characteristics ................................................................. 77
Table 59.
Bulb–Power section ................................................................. 77
Table 60.
Bulb–Switching (VCC = 13 V; Normal switch mode) ........................................... 77
Table 61.
Bulb–Protection and diagnostic ......................................................... 78
Table 62.
Bulb–Digital current sense (7 V < VCC < 18 V, channel 0, 1; TJ = -40 °C to 150 °C)...................... 78
Table 63.
LED–Power section ................................................................. 79
Table 64.
LED–Switching (VCC = 13 V; Normal switch mode)............................................ 79
Table 65.
LED–Protection and diagnosis.......................................................... 80
Table 66.
LED–Digital current sense (7 V < VCC < 18 V, channel 0,1; TJ = -40 °C to 150 °C) ...................... 80
Table 67.
CCM–Capacitive loads charging mode .................................................... 81
Table 68.
Parallel–Power Section............................................................... 82
Table 69.
Parallel–Switching (VCC = 13 V)......................................................... 82
Table 70.
Harness protection .................................................................. 83
Table 71.
ISO 7637-2 - Electrical transient conduction along supply line .................................... 84
Table 72.
Component values .................................................................. 86
Table 73.
PCB properties .................................................................... 91
Table 74.
Thermal parameters ................................................................. 93
Table 75.
QFN (6x6 mm) mechanical data......................................................... 95
Table 76.
QFN (6x6 mm) tolerance of form and position ............................................... 95
Table 77.
QFN (6x6 mm) variations ............................................................. 95
Table 78.
QFN (6x6 mm) reel dimensions ......................................................... 96
Table 79.
QFN (6x6 mm) carrier tape dimensions.................................................... 97
Table 80.
Order code ....................................................................... 98
Table 81.
Document revision history ............................................................. 99
VNF9D5F
List of tables
DS13946 - Rev 8
page 105/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com