Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5F Datasheet(PDF) 106 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 106 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 100Page - STMicroelectronics VNF9D5F Datasheet HTML 101Page - STMicroelectronics VNF9D5F Datasheet HTML 102Page - STMicroelectronics VNF9D5F Datasheet HTML 103Page - STMicroelectronics VNF9D5F Datasheet HTML 104Page - STMicroelectronics VNF9D5F Datasheet HTML 105Page - STMicroelectronics VNF9D5F Datasheet HTML 106Page - STMicroelectronics VNF9D5F Datasheet HTML 107Page - STMicroelectronics VNF9D5F Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Connection diagram ................................................................ 3
Figure 3.
Device state diagram................................................................ 6
Figure 4.
Channel state diagram (CCM) ........................................................ 11
Figure 5.
Normal mode, short circuit - Programmable Blanking Window (PBW) > tD_RESTART .................... 12
Figure 6.
Normal mode, short circuit - Programmable Blanking Window (PBW) < tD_RESTART .................... 13
Figure 7.
I²t counter: single safe restart after POR with IOUT > INOM ..................................... 14
Figure 8.
Protection curve with INOM = 10 A and tNOM = 300 s vs a 0.5 mm2 wire isothermic curve ................ 16
Figure 9.
Protection curve in parallel mode with INOM = 20 A and tNOM = 300 s vs a 1.5 mm2 wire isothermic curve .... 17
Figure 10.
Lowest (left hand) and highest (right hand) INOM and tNOM configuration setting on a 1 mm2 wire .......... 17
Figure 11.
I²t counter with varying INOM latch and unlatch ............................................. 19
Figure 12.
I²t counter after POR with IOUT > INOM ................................................... 19
Figure 13.
I²t counter after POR with IOUT < INOM ................................................... 20
Figure 14.
Transition to standby mode with I²t counter running .......................................... 20
Figure 15.
Supported SPI mode ............................................................... 22
Figure 16.
Bus master and two devices in a normal configuration ........................................ 22
Figure 17.
SPI write operation ................................................................ 24
Figure 18.
SPI read operation ................................................................ 24
Figure 19.
SPI read and clear operation ......................................................... 25
Figure 20.
SPI read device information .......................................................... 25
Figure 21.
Direct input block diagram - valid for 2, 4 and 6 channels device ................................. 33
Figure 22.
ADC characteristics and error definition .................................................. 52
Figure 23.
Conversion window generation ........................................................ 53
Figure 24.
Minimum ON time for digital current sense availability ........................................ 53
Figure 25.
Channel's sequence internal stack ..................................................... 54
Figure 26.
Sequence of channels .............................................................. 55
Figure 27.
Asynchronous with continuous sampling ................................................. 56
Figure 28.
Diagnostic registers................................................................ 58
Figure 29.
Status registers .................................................................. 59
Figure 30.
Open-load OFF-state detection........................................................ 60
Figure 31.
Internal timer process .............................................................. 62
Figure 32.
One timer step actions.............................................................. 63
Figure 33.
Power limitation counter flowchart ...................................................... 64
Figure 34.
Example of behavior channel configuration ............................................... 65
Figure 35.
Current and voltage conventions....................................................... 70
Figure 36.
SPI dynamic characteristics .......................................................... 74
Figure 37.
Switching characteristics ............................................................ 81
Figure 38.
Application schematic .............................................................. 85
Figure 39.
Maximum turn off current versus inductance – Bulb mode ..................................... 87
Figure 40.
Maximum turn off current versus inductance – LED mode ..................................... 87
Figure 41.
Maximum turn off energy versus inductance – Bulb mode ..................................... 88
Figure 42.
Maximum turn off energy versus inductance – LED mode ..................................... 88
Figure 43.
QFN (6x6 mm) PCB footprint ......................................................... 89
Figure 44.
QFN (6x6 mm) PCB 2 cm2 ........................................................... 89
Figure 45.
QFN (6x6 mm) PCB 8 cm2 ........................................................... 90
Figure 46.
QFN (6x6 mm) PCB 4 layer2 ......................................................... 90
Figure 47.
RthJA vs PCB copper area in open box free air conditions ..................................... 91
Figure 48.
QFN 6x6 thermal impedance junction ambient ............................................. 92
Figure 49.
Thermal fitting model ............................................................... 92
Figure 50.
QFN (6x6 mm) package outline ....................................................... 94
Figure 51.
QFN (6x6 mm) reel 13" ............................................................. 96
VNF9D5F
List of figures
DS13946 - Rev 8
page 106/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com