Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F6733IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 154 page
background image
2
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Device Overview
Copyright © 2011–2018, Texas Instruments Incorporated
1.2
Applications
•
2-Wire Single-Phase Metering
•
3-Wire Single-Phase Metering
•
Tamper-Resistant Meters
1.3
Description
The TI MSP family of ultra-low-power microcontrollers consists of several devices featuring different sets
of peripherals targeted for various applications. The architecture, combined with extensive low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device
features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to
maximum code efficiency. The digitally controlled oscillator (DCO) allows the device to wake up from low-
power modes to active mode in 3 µs (typical).
The MSP430F673x and MSP430F672x microcontrollers feature up to three high-performance 24-bit
sigma-delta ADCs, a 10-bit ADC, four enhanced universal serial communication interfaces (three
eUSCI_A modules and one eUSCI_B module), four 16-bit timers, a hardware multiplier, a DMA module,
an RTC module with alarm capabilities, an LCD driver with integrated contrast control, an auxiliary supply
system, and up to 72 I/O pins in the 100-pin devices and 52 I/O pins in the 80-pin devices.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.
(1)
For the most current part, package, and ordering information, see the Package Option Addendum in
Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430F6736IPZ
LQFP (100)
14 mm × 14 mm
MSP430F6736IPN
LQFP (80)
12 mm × 12 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com