Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 53 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 154 page
background image
-200
0
200
400
600
800
1000
1200
1400
1600
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Input Voltage – V
53
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
www.ti.com
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Specifications
Copyright © 2011–2018, Texas Instruments Incorporated
Figure 5-18. Input Leakage Current vs Input Voltage
(Modulator OFF)
Table 5-37 lists the supply current of the SD24_B.
Table 5-37. SD24_B Supply Currents
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ISD,256
Analog plus digital supply current per
converter (reference not included)
fSD24 = 1 MHz,
SD24OSR = 256
SD24GAIN: 1
3 V
600
675
µA
SD24GAIN: 2
3 V
600
675
SD24GAIN: 4
3 V
600
675
SD24GAIN: 8
3 V
700
750
SD24GAIN: 16
3 V
700
750
SD24GAIN: 32
3 V
775
850
SD24GAIN: 64
3 V
775
850
SD24GAIN: 128
3 V
775
850
ISD,512
Analog plus digital supply current per
converter (reference not included)
fSD24 = 2 MHz,
SD24OSR = 512
SD24GAIN: 1
3 V
750
800
µA
SD24GAIN: 8
3 V
825
900
SD24GAIN: 32
3 V
900
1000
Table 5-38 lists the performance characteristics of the SD24_B.
Table 5-38. SD24_B Performance
fSD24 = 1 MHz, SD24OSRx = 256, SD24REFS = 1
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
INL
Integral nonlinearity, end-
point fit
SD24GAIN: 1
3 V
–0.01
0.01
% of
FSR
SD24GAIN: 8
3 V
–0.01
0.01
SD24GAIN: 32
3 V
–0.01
0.01
Gnom
Nominal gain
SD24GAIN: 1
3 V
1
SD24GAIN: 2
3 V
2
SD24GAIN: 4
3 V
4
SD24GAIN: 8
3 V
8
SD24GAIN: 16
3 V
16
SD24GAIN: 32
3 V
31.7
SD24GAIN: 64
3 V
63.4
SD24GAIN: 128
3 V
126.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com