Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 70 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 70 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 66Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 67Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 68Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
70
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Detailed Description
Copyright © 2011–2018, Texas Instruments Incorporated
6.7.2
Spy-Bi-Wire Interface
In addition to the standard JTAG interface, the MSP430 family supports the 2-wire Spy-Bi-Wire interface.
Spy-Bi-Wire can be used to interface with MSP430 development tools and device programmers. Table 6-8
lists the Spy-Bi-Wire interface pin requirements. For further details on interfacing to development tools and
device programmers, see the MSP430 Hardware Tools User's Guide and MSP430 Programming With the
JTAG Interface.
Table 6-8. Spy-Bi-Wire Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
TEST/SBWTCK
IN
Spy-Bi-Wire clock input
RST/NMI/SBWTDIO
IN, OUT
Spy-Bi-Wire data input and output
DVCC
Power supply
DVSS
Ground supply
6.8
Flash Memory
The flash memory can be programmed through the JTAG port, Spy-Bi-Wire (SBW), the BSL, or in-system
by the CPU. The CPU can perform single-byte, single-word, and long-word writes to the flash memory.
Features of the flash memory include:
•
Flash memory has n segments of main memory and four segments of information memory (A to D) of
128 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A to D can be erased individually, or as a group with segments 0 to n. Segments A to D are
also called information memory.
•
Segment A can be locked separately.
6.9
RAM
The RAM is made up of n sectors. Each sector can be completely powered down to save leakage;
however, all data are lost. Features of the RAM include:
•
RAM has n sectors of 2KB each.
•
Each sector 0 to n can be complete disabled; however, data retention is lost.
•
Each sector 0 to n automatically enters low-power retention mode when possible.
6.10 Backup RAM
The backup RAM provides a limited number of bytes of RAM that are retained during LPMx.5. This
backup RAM is part of the Backup subsystem in MSP430F67xx that operates on dedicated power supply
AUXVCC3. There are 8 bytes of backup RAM available in this device. The backup RAM can be word-wise
accessed through the registers BAKMEM0, BAKMEM1, BAKMEM2, and BAKMEM3. The backup RAM
registers cannot be accessed by the CPU when the high-side SVS is disabled by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com