Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 45 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 154 page
background image
45
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
www.ti.com
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Specifications
Copyright © 2011–2018, Texas Instruments Incorporated
Table 5-29 lists the supported clock frequencies of the eUSCI in SPI master mode.
Table 5-29. eUSCI (SPI Master Mode) Clock Frequency
PARAMETER
CONDITIONS
VCC
MIN
MAX
UNIT
feUSCI
eUSCI input clock frequency
Internal: SMCLK or ACLK,
Duty cycle = 50% ±10%
fSYSTEM
MHz
Table 5-30 lists the switching characteristics of the eUSCI in SPI master mode.
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI = max(tVALID,MO(eUSCI) + tSU,SI(Slave), tSU,MI(eUSCI) + tVALID,SO(Slave))
For the slave parameters tSU,SI(Slave) and tVALID,SO(Slave), see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-13 and Figure 5-14.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. See the timing diagrams in Figure 5-
13 and Figure 5-14.
Table 5-30. eUSCI (SPI Master Mode) Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
tSTE,LEAD
STE lead time, STE active to clock
UCSTEM = 0, UCMODEx = 01 or 10
2 V, 3 V
150
ns
UCSTEM = 1, UCMODEx = 01 or 10
2 V, 3 V
150
tSTE,LAG
STE lag time, Last clock to STE
inactive
UCSTEM = 0, UCMODEx = 01 or 10
2 V, 3 V
200
ns
UCSTEM = 1, UCMODEx = 01 or 10
2 V, 3 V
200
tSTE,ACC
STE access time, STE active to SIMO
data out
UCSTEM = 0, UCMODEx = 01 or 10
2 V
50
ns
3 V
30
UCSTEM = 1, UCMODEx = 01 or 10
2 V
50
3 V
30
tSTE,DIS
STE disable time, STE inactive to
SIMO high impedance
UCSTEM = 0, UCMODEx = 01 or 10
2 V
40
ns
3 V
25
UCSTEM = 1, UCMODEx = 01 or 10
2 V
40
3 V
25
tSU,MI
SOMI input data setup time
2 V
50
ns
3 V
30
tHD,MI
SOMI input data hold time
2 V
0
ns
3 V
0
tVALID,MO
SIMO output data valid time(2)
UCLK edge to SIMO valid, CL = 20 pF
2 V
9
ns
3 V
5
tHD,MO
SIMO output data hold time(3)
CL = 20 pF
2 V
0
ns
3 V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com