Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 32 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 28Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 29Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 30Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 31Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 32Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 33Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 34Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 154 page
background image
32
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Specifications
Copyright © 2011–2018, Texas Instruments Incorporated
Table 5-5 lists the characteristics of the reduced drive strength GPIO output.
(1)
Selecting reduced drive strength may reduce EMI.
(2)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Section 5.3 for more details.
(3)
The maximum total current, I(OLmax), for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop specified.
(4)
The maximum total current, I(OLmax), for all outputs combined, should not exceed ±100 mA to hold the maximum voltage drop specified.
Table 5-5. Outputs – General-Purpose I/O (Reduced Drive Strength)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VOH
High-level output voltage
I(OHmax) = –1 mA
(2)
1.8 V
VCC – 0.25
VCC
V
I(OHmax) = –3 mA
(2)
VCC – 0.60
VCC
I(OHmax) = –2 mA
(2)
3.0 V
VCC – 0.25
VCC
I(OHmax) = –6 mA
(2)
VCC – 0.60
VCC
VOL
Low-level output voltage
I(OLmax) = 1 mA
(3)
1.8 V
VSS VSS + 0.25
V
I(OLmax) = 3 mA
(4)
VSS VSS + 0.60
I(OLmax) = 2 mA
(3)
3.0 V
VSS VSS + 0.25
I(OLmax) = 6 mA
(4)
VSS VSS + 0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com