Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 39 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 35Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 36Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 37Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 38Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 39Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 40Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 41Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
39
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
www.ti.com
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Specifications
Copyright © 2011–2018, Texas Instruments Incorporated
Table 5-13 lists the characteristics of the high-side SVS.
(1)
The SVSH settings available depend on the VCORE (PMMCOREVx) setting. Refer to the Power Management Module and Supply
Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's Guide on recommended settings and usage.
Table 5-13. PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVSH)
SVS current consumption
SVSHE = 0, DVCC = 3.6 V
0
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
1.5
µA
V(SVSH_IT–) SVSH on voltage level
(1)
SVSHE = 1, SVSHRVL = 0
1.60
1.65
1.70
V
SVSHE = 1, SVSHRVL = 1
1.77
1.84
1.90
SVSHE = 1, SVSHRVL = 2
1.97
2.04
2.10
SVSHE = 1, SVSHRVL = 3
2.09
2.16
2.23
V(SVSH_IT+) SVSH off voltage level
(1)
SVSHE = 1, SVSMHRRL = 0
1.68
1.74
1.80
V
SVSHE = 1, SVSMHRRL = 1
1.89
1.95
2.01
SVSHE = 1, SVSMHRRL = 2
2.08
2.14
2.21
SVSHE = 1, SVSMHRRL = 3
2.21
2.27
2.34
SVSHE = 1, SVSMHRRL = 4
2.35
2.41
2.49
SVSHE = 1, SVSMHRRL = 5
2.65
2.72
2.80
SVSHE = 1, SVSMHRRL = 6
2.96
3.04
3.13
SVSHE = 1, SVSMHRRL = 7
2.96
3.04
3.13
tpd(SVSH)
SVSH propagation delay
SVSHE = 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
2.5
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
20
t(SVSH)
SVSH on or off delay time
SVSHE = 0
→ 1, SVSHFP = 1
12.5
µs
SVSHE = 0
→ 1, SVSHFP = 0
100
dVDVCC/dt
DVCC rise time
0
1000
V/s
Table 5-14 lists the characteristics of the high-side SVM.
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. Refer to the Power Management Module and Supply
Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's Guide on recommended settings and usage.
Table 5-14. PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SVMH)
SVMH current consumption
SVMHE = 0, DVCC = 3.6 V
0
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 0
200
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
1.5
µA
V(SVMH)
SVMH on or off voltage level
(1)
SVMHE = 1, SVSMHRRL = 0
1.68
1.74
1.80
V
SVMHE = 1, SVSMHRRL = 1
1.89
1.95
2.01
SVMHE = 1, SVSMHRRL = 2
2.08
2.14
2.21
SVMHE = 1, SVSMHRRL = 3
2.21
2.27
2.34
SVMHE = 1, SVSMHRRL = 4
2.35
2.41
2.49
SVMHE = 1, SVSMHRRL = 5
2.65
2.72
2.80
SVMHE = 1, SVSMHRRL = 6
2.96
3.04
3.13
SVMHE = 1, SVSMHRRL = 7
2.96
3.04
3.13
SVMHE = 1, SVMHOVPE = 1
3.79
tpd(SVMH)
SVMH propagation delay
SVMHE = 1, dVDVCC/dt = 10 mV/µs, SVMHFP = 1
2.5
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs, SVMHFP = 0
20
t(SVMH)
SVMH on or off delay time
SVMHE = 0
→ 1, SVMHFP = 1
12.5
µs
SVMHE = 0
→ 1, SVMHFP = 0
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com