Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F6733IPZ Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430F6733IPZ
Description  MSP430F673x, MSP430F672x Mixed-Signal Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F6733IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F6733IPZ Datasheet HTML 9Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 10Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 11Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 12Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 13Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 14Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 15Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 16Page - Texas Instruments MSP430F6733IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
13
MSP430F6736
, MSP430F6735, MSP430F6734, MSP430F6733, MSP430F6731, MSP430F6730
MSP430F6726, MSP430F6725, MSP430F6724, MSP430F6723, MSP430F6721, MSP430F6720
www.ti.com
SLAS731D – DECEMBER 2011 – REVISED SEPTEMBER 2018
Submit Documentation Feedback
Product Folder Links: MSP430F6736 MSP430F6735 MSP430F6734 MSP430F6733 MSP430F6731 MSP430F6730
MSP430F6726 MSP430F6725 MSP430F6724 MSP430F6723 MSP430F6721 MSP430F6720
Terminal Configuration and Functions
Copyright © 2011–2018, Texas Instruments Incorporated
Table 4-3. Terminal Functions, PZ Package (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
PZ
(3)
The pins VDSYS and DVSYS must be connected externally on the board for proper device operation.
(4)
VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended
capacitor value, CVCORE.
VDSYS(3)
20
Digital power supply selected between DVCC, AUXVCC1, AUXVCC2. Connect
recommended capacitor value of CVSYS (see Table 5-18).
DVCC
21
Digital power supply
DVSS
22
Digital ground supply
VCORE(4)
23
Regulated core power supply (internal use only, no external current loading)
XIN
24
I
Input terminal for crystal oscillator
XOUT
25
O
Output terminal for crystal oscillator
AUXVCC3
26
Auxiliary power supply AUXVCC3 for back up subsystem
P1.4/PM_UCA1RXD/
PM_UCA1SOMI/LCDREF/R13
27
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: eUSCI_A1 UART receive data; eUSCI_A1 SPI slave out/master in
External reference voltage input for regulated LCD voltage
Input/output port of third most positive analog LCD voltage (V3 or V4)
P1.5/PM_UCA1TXD/
PM_UCA1SIMO/R23
28
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: eUSCI_A1 UART transmit data; eUSCI_A1 SPI slave in/master out
Input/output port of second most positive analog LCD voltage (V2)
LCDCAP/R33
29
I/O
LCD capacitor connection
Input/output port of most positive analog LCD voltage (V1)
CAUTION: This pin must be connected to DVSS if not used.
P8.4/TA1.0
30
I/O
General-purpose digital I/O
Timer TA1 CCR0 capture: CCI0A input, compare: Out0 output
P8.5/TA1.1
31
I/O
General-purpose digital I/O
Timer TA1 CCR1 capture: CCI1A input, compare: Out1 output
COM0
32
O
LCD common output COM0 for LCD backplane
COM1
33
O
LCD common output COM1 for LCD backplane
COM2
34
O
LCD common output COM2 for LCD backplane
COM3
35
O
LCD common output COM3 for LCD backplane
P1.6/PM_UCA0CLK/COM4
36
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: eUSCI_A0 clock input/output
LCD common output COM4 for LCD backplane
P1.7/PM_UCB0CLK/COM5
37
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: eUSCI_B0 clock input/output
LCD common output COM5 for LCD backplane
P2.0/PM_UCB0SOMI/
PM_UCB0SCL/COM6
38
I/O
General-purpose digital I/O with port interrupt and mappable secondary function
Default mapping: eUSCI_B0 SPI slave out/master in; eUSCI_B0 I2C clock
LCD common output COM6 for LCD backplane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com