Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 185 page
background image
DS14736 Rev 1
107/185
STM32WBA6xxx
Electrical characteristics
169
C/Ico125kbps
Co-channel rejection 125 kbps
-
12
-
3
-
dB
C/I125kbps
Adjacent channel interference
125 kbps
Adj = ±1 MHz
6
-
-2
6
Adj = 2 MHz
-26
-
-38
-26
Adj-Image = -2 MHz
-18
-
-27
-18
Adj ≥ 3 MHz
-36
-
-43
-36
Adj = -3 MHz
-24
-
-28
-24
Adj ≤ -4 MHz
-36
-
-43
-36
C/Ico250kbps
Co-channel rejection 250 kbps
-
17
-
5
17
C/I500kbps
Adjacent channel interference
500 kbps
Adj = ±1 MHz
11
-
-2
11
Adj = 2 MHz
-21
-
-34
-21
Adj-Image = -2 MHz
-13
-
-26
-13
Adj ≥ 3 MHz
-31
-
-39
-31
Adj = -3 MHz
-19
-
-27
-19
Adj ≤ -4 MHz
-31
-
-37
-31
C/Ico1Mbps
Co-channel rejection 1 Mbps
-
21
-
8
21
C/I1Mbps
Adjacent channel interference
1 Mbps
Adj = ±1 MHz
15
-
0
15
Adj = 2 MHz
-17
-
-38
-17
Adj-Image = -2 MHz
-9
-
-23
-9
Adj ≥ 3 MHz
-27
-
-36
-27
Adj = -3 MHz
-15
-
-27
-15
Adj ≤ -4 MHz
-27
-
-38
-27
C/Ico2Mbps
Co-channel rejection 2 Mbps
-
21
-
8
21
C/I2Mbps
Adjacent channel interference
2 Mbps
Adj = ±2 MHz
15
-
0
15
dB
Adj = 4 MHz
-17
-
-35
-17
Adj-Image = -4 MHz
-9
-
-23
-9
Adj = ≥ 6 MHz
-27
-
-33
-27
Adj = -6 MHz
-15
-
-26
-15
Adj = ≤ -8 MHz
-27
-
-34
-27
1. Evaluated by characterization, not tested in production, unless otherwise specified. Measured in conducted mode, based
on reference design (see AN5165), using output power specific external RF filter and impedance matching networks to
interface with a 50 Ω antenna.
2. With ideal transmitter.
3. The payload length used in all receiver tests is 37 bytes which means that the limit for each parameter is reached for a
BER of 0.1% (PER of 30.8%), as defined in the Bluetooth core specification v5.4.
Table 35. RF receiver Bluetooth Low Energy characteristics (1) (continued)
Symbol
Parameter
Test conditions
Standard
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com