Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
108/185
DS14736 Rev 1
5.3.4
RF IEEE802.15.4 characteristics
Table 36. RF Bluetooth Low Energy power consumption for VDD = 3.3 V(1)(2)
Symbol
Parameter
Typ
Unit
Itx
Tx 0 dBm output power consumption (LDO)
11.39
mA
Tx 0 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD)
6.16
Tx 0 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD11)
5.94
Tx +10 dBm output power consumption (LDO)
22.38
Tx +10 dBm output power consumption (SMPS ON, VDDRFPA connected to VDD)
21.18
Irx
Rx consumption 1 Mbps (LDO)
7.83
Rx consumption 1 Mbps (SMPS ON, VDDRFPA connected to VDD)
5.33
Rx consumption 1 Mbps (SMPS ON, VDDRFPA connected to VDD11)
4.26
Rx consumption 2 Mbps (LDO)
8.53
Rx consumption 2 Mbps (SMPS ON, VDDRFPA connected to VDD)
8
Rx consumption 2 Mbps (SMPS ON, VDDRFPA connected to VDD11)
5
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Power consumption including 2.4 GHz RADIO subsystem and digital processing.
Table 37. RF IEEE802.15.4 characteristics(1)
Symbol
Parameter
Conditions
Standard Min
Typ Max Unit
Fop
Frequency channel operating band
-
-
2405
-
2480
MHz
∆F
Delta frequency
-
-
-
5
-
Roqpsk
On air data rate
-
-
250
-
kbps
PLLres
RF channel spacing
-
-
-
5
-
MHz
1. Guaranteed by characterization results, unless otherwise specified. Measured in conducted mode, based on reference
design (see AN5165), using output power specific external RF filter and impedance matching networks to interface with a
50 Ω antenna.
Table 38. RF transmitter IEEE802.15.4 characteristics(1)
Symbol
Parameter
Test conditions
Standard Min
Typ
Max
Unit
Ptxmax
Maximum output power
VDDRFPA ≥ 2.50 V
-
-
9.5
-
dBm
VDDRFPA ≥ 1.71 V
-
-
7.5
-
Ptxmin
Minimum output power
--
-
-15
-
∆Ptx
Output power step
--
0.5
1
2
dB
Pfreqband
Output power ± variation over
the frequency band
Ptxmax max setting
-
-
0.5
-
Ptemp
Output power ± variation over
the temperature
Ptxmax max setting
-40 °C ≤ TJ ≤ +130 °C
--
2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com