Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 185 page
background image
Table 46. Current consumption in Run mode on LDO, with different codes running
from flash memory, Cache ON (2-way), Prefetch OFF(1)
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
25 °C
25 °C
-
Voltage scaling
Code
1.8 V
3.0 V
3.3 V
1.8 V
3.0 V
3.3 V
IDD(Run)
Supply
current in
Run mode
All peripherals
disabled,
SRAM1 and
SRAM2
enabled
Range 2,
fHCLK1 = fHSI16 = 16 MHz
Reduced code
1.16
1.16
1.16
mA
72.68
72.50
72.58
µA/MHz
Coremark®
1.17
1.17
1.18
73.13
73.38
73.50
SecureMark
1.22
1.22
1.22
76.25
76.13
76.19
Dhrystone 2.1
1.23
1.23
1.23
76.88
76.88
76.94
Fibonacci
1.11
1.11
1.12
69.38
69.38
69.69
While(1)
0.85
0.85
0.85
53.00
52.96
52.98
Range 1,
fHCLK1 = fHSE32 = 32 MHz
Reduced code
3.09
3.16
3.17
96.54
98.64
99.19
Coremark®
3.12
3.19
3.20
97.50
99.69 100.00
SecureMark
3.32
3.38
3.40
103.59 105.63 106.25
Dhrystone 2.1
3.31
3.37
3.39
103.44 105.31 105.94
Fibonacci
2.96
3.03
3.05
92.50
94.69
95.31
While(1)
2.30
2.37
2.39
71.88
74.06
74.69
Range 1,
fHCLK1 = HSE32 + PLL at
100 MHz
Reduced code
8.14
8.21
8.23
81.44
82.08
82.26
Coremark®
8.24
8.30
8.32
82.40
83.00
83.20
SecureMark
8.73
8.79
8.81
87.30
87.90
88.10
Dhrystone 2.1
8.83
8.89
8.91
88.30
88.90
89.10
Fibonacci
7.74
7.80
7.82
77.40
78.00
78.20
While(1)
5.68
5.75
5.77
56.80
57.50
57.70
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com