Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 185 page
background image
Table 48. Current consumption in Sleep modes, flash memory in power-down(1)(2)
Symbol
Parameter
Conditions
Typ
Unit
--
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
IDD(Sleep)
Supply current
in Sleep mode
fHCLK1 = fHSI16 = 16 MHz
LDO
Range 2
16 MHz
0.44
0.51
0.68
mA
fHCLK1 = fHSE32 = 32 MHz
Range 1
32 MHz
1.34
1.49
1.81
fHCLK1 = HSE32 + PLL > 32 MHz
100 MHz
3.06
3.22
3.55
fHCLK1 = fHSI16 = 16 MHz
SMPS
Range 2
16 MHz
0.25
0.28
0.35
fHCLK1 = fHSE32 = 32 MHz
Range 1
32 MHz
1.07
1.17
1.35
fHCLK1 = HSE32 + PLL > 32 MHz
100 MHz
2
2.11
2.3
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. All peripherals disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com