Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 138Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 139Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 140Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 185 page
background image
DS14736 Rev 1
137/185
STM32WBA6xxx
Electrical characteristics
169
The test results are given in Table 70. They are based on the EMS levels and classes
defined in AN1709 “EMC design guide for STM8, STM32 and legacy MCUs”.
Designing hardened software to avoid noise problems
EMC characterization and optimization are performed at component level with a typical
application environment and simplified MCU software.
Good EMC performance is highly dependent on the user application, and the software in
particular. Therefore, it is recommended that the user applies EMC software optimization
and prequalification tests in relation with the requested EMC level.
Software recommendations
The software flow must include the management of runaway conditions, such as:
•
Corrupted program counter
•
Unexpected reset
•
Critical data corruption (control registers)
Prequalification trials
Most of the common failures (unexpected reset and program counter corruption) can be
reproduced by manually forcing a low state on the NRST pin or on the oscillator pins for
1 second.
To complete these trials, ESD stress can be applied directly on the device, over the range of
specified values. When an unexpected behavior is detected, the software can be hardened
to prevent the occurrence of unrecoverable errors. See AN1015 “Software techniques for
improving microcontrollers EMC performance” for more details.
Electromagnetic interference (EMI)
The electromagnetic field emitted by the device is monitored while a simple application is
executed (toggling two LEDs through the I/O ports). This emission test is compliant with the
IEC 61967-2 standard, which specifies the test board and the pin loading.
Table 70. EMS characteristics(1)
Symbol
Parameter
Conditions
Level/Class
VFESD
Voltage limits to apply on any I/O pin to
induce a functional disturbance
VDD = 3.3 V, TA = +25 °C, fHCLK1 = 100 MHz,
UFQFPN48 conforming to IEC 61000-4-2
3B
VEFTB
Fast transient voltage burst limits to apply
through 100 pF on VDD and VSS pins to
induce a functional disturbance
VDD = 3.3 V, TA = +25 °C, fHCLK1 = 100 MHz,
UFQFPN48 conforming to IEC 61000-4-4
5A
1. Evaluated by characterization, not tested in production, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com