Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 137Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
134/185
DS14736 Rev 1
Low-speed internal (LSI) RC oscillator
5.3.12
PLL characteristics
The parameters given in Table 67 are derived from tests performed at ambient temperature
and under the supply voltage conditions summarized in Table 30.
Table 65. LSI1 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI1
Frequency
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 1
0.245 0.25 0.255
kHz
VDD = 3.0 V, TJ = 30 °C, LSIPREDIV = 0
31.4
32.0
32.6
1.71 V ≤ VDD ≤ 3.6 V, TJ = -40 to 85 °C,
LSIPREDIV = 0 (1)
30.4
32.0
33.6
DuCyLSI1
Duty cycle
LSIPREDIV = 1
-
50
-
%
tSU(LSI1)(2) Startup time
-
-
230
260
μs
tSTAB(LSI1)(2) Stabilization time 5% of final frequency
-
230
260
IDD(LSI1)(2)
Power
consumption
LSIPREDIV = 0
-
140
255
nA
LSIPREDIV = 1
-
130
240
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Specified by design, not tested in production.
Table 66. LSI2 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI2
Frequency
-
24
32
48
kHz
tSU(LSI2)(1)
Startup time
-
550
-
750
μs
tSTAB(LSI2)(1) Stabilization time
5% of final frequency
-
650
1100
∆TEMP(2)
Stability over temperature
-
-200
-
200
ppm/ °C
IDD(LSI2)(2)
Power consumption
-
-
1
2
μA
1. Specified by design, not tested in production.
2. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 67. PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN(1)
PLL input clock
-
4
-
16
MHz
DuCyPLL_IN(1) PLL input clock duty cycle
-
10
-
90
%
fPLL_OUT(1)
PLL output clock P, Q, and R
-
1
-
100
MHz
DuCyPLL_OUT(1) PLL output clock duty cycle
Division 1
40
-
60
%
fVCO_OUT(1)
PLL VCO output
-
128
-
544
MHz
tLOCK(2)
PLL lock time(3)
Integer mode
-
25
54
μs
Fractional mode
-
40
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com