Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 127Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 128Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 185 page
background image
DS14736 Rev 1
131/185
STM32WBA6xxx
Electrical characteristics
169
Note:
For information about oscillator trimming, refer to AN5042 “Precise HSE frequency and
startup time tuning for STM32 wireless MCUs”, available on www.st.com.
Low-speed external clock
The low-speed external (LSE) clock can be supplied with a crystal or a clock source. The
information provided in this section is based on design simulation results, obtained with the
typical external components specified in Table 62. In the application, the crystal and the load
capacitors must be placed as close as possible to the oscillator pins, to minimize output
distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more
details on the resonator characteristics (frequency, package, accuracy).
Cbank-step
Capacitor bank step size
-
215
270
325
fF
tSTAB
Oscillator stabilization time
-
-
100
160
µs
IDDRF(HSE32) Current consumption
-
-
205
-
µA
1. Specified by design, not tested in production.
2. 32 MHz XTAL is specified for two specific references: NX2016SA and NX1612SA.
3. After capacitor bank trimming.
Table 60. HSE32 crystal requirements(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 61. HSE32 clock source requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE32
External clock source frequency(2)
--
32
-
MHz
fTOL
Frequency tolerance
includes initial accuracy, stability over
temperature, and aging
Bluetooth
Low Energy
-50
-
50
ppm
IEEE802.15.4
-40
-
40
VHSE32
Clock input voltage limits
Input level
0
-
0.9
V
Amplitude(3)
200
-
900
mVPP
DuCyHSE32 Duty cycle
-
45
-
55
%
φn(HSE32) Phase noise for 32 MHz
Offset = 10 kHz
-
-
-127
dBc/Hz
Offset = 100 kHz
-
-
-135
Offset = 1 MHz
-
-
-138
1. Specified by design, not tested in production.
2. fHSE = 1/tHSE.
3. AC coupling is supported (470 pF to 100 nF capacitor).
Table 62. LSE oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSE
Oscillator frequency(2)
--
32.000
or
32.768
-kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com