Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 128Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
132/185
DS14736 Rev 1
Figure 23. LSE typical application with a crystal
Note:
No external resistors are required between OSC32_IN and OSC32_OUT, and it is forbidden
to add one.
In bypass mode the LSE oscillator is switched off, and the input pin OSC32_IN is a standard
GPIO.
fTOL
Frequency tolerance
includes initial accuracy,
stability over temperature,
aging and frequency pulling
due to incorrect load
capacitance
Bluetooth Low Energy
-500
-
500
ppm
Thread CSL
-255
-
255
IDD(LSE) LSE current consumption
LSEDRV = medium-low drive capability
-
450
-
nA
LSEDRV = medium-high drive capability
-
590
-
LSEDRV = high drive capability
-
700
-
Gmcritmax Maximum critical crystal Gm
LSEDRV = medium-low drive capability
-
-
0.75
µA/V
LSEDRV = medium-high drive capability
-
-
1.70
LSEDRV = high drive capability
-
-
2.70
CS_PARA
Internal stray parasitic
capacitance(3)
--
3
-
pF
tSU(LSE) Startup time(4)
VDD is stabilized
-
2
-
s
1. Specified by design, not tested in production.
2. For information on selecting the crystal, refer to AN2867 ‘Oscillator design guide for STM8AF/AL/S, STM32 MCUs and
MPUs”.
3. CS_PARA is the equivalent capacitance seen by the crystal due to OSC32_IN and OSC32_OUT internal parasitic
capacitances.
4. Time measured from when the LSE is enabled by software, until a stable LSE oscillation is reached. This value is measured
for a standard crystal, and can vary significantly with the crystal used.
Table 62. LSE oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
MS30253V2
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com