Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 185 page
background image
DS14736 Rev 1
151/185
STM32WBA6xxx
Electrical characteristics
169
Figure 27. ADC accuracy characteristics
6 bits
(continued)
22000
1250
79.5
79.5
33000
1853
814.5
47000
2607
814.5
1. Specified by design, not tested in production.
2. BOOSTEN and ANASWVDD configured according to VDD and VDDA levels.
3. Values without external capacitance.
Table 84. Maximum RAIN for 12-bit ADC4(1)(2)(3) (continued)
Resolution
RAIN (Ω)
Sampling time (ns)
Sampling cycles at 35 MHz
Sampling cycles at 55 MHz
Table 85. 12-bit ADC4 accuracy(1)(2)(3)
1. Evaluated by characterization, not tested in production.
2. DC accuracy values are measured after internal calibration.
3. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (resolution = 12 bits, no
oversampling).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total unadjusted error
-
-±3
±7.5
LSB
EO
Offset error
-
±2
±5.5
EG
Gain error
-
±2
±6.5
ED
Differential linearity error
-
-0.9/+1.0 -0.9/+1.5
EL
Integral linearity error
-
±2
±3.5
ENOB
Effective number of bits
9.9
10.9
-
bits
SINAD
Signal-to-noise and distortion ratio
61.4
67.4
-
dB
SNR
Signal-to-noise ratio
61.6
67.5
-
THD
Total harmonic distortion
-
-74
-70
MSv19880V6
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End-point correlation line
n = ADC resolution
ET = total unadjusted error: maximum deviation
between the actual and ideal transfer curves
EO = offset error: maximum deviation between the first
actual transition and the first ideal one
EG = gain error: deviation between the last ideal
transition and the last actual one
ED = differential linearity error: maximum deviation
between actual steps and the ideal one
EL = integral linearity error: maximum deviation between
any actual transition and the end point correlation line
2
n-1
7
6
5
4
3
2
1
0
Output code
EO
VSSA
2
n-2
2
n-3
VREF+ (VDDA)
ET
EL
ED
1 LSB ideal
EG
(1)
(2)
(3)
(or
)]
[1LSB =
VDDA
2
n
VREF+
2
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com