Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CII6TR Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32WBA62CII6TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA62CII6TR Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32WBA62CII6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 156Page - STMicroelectronics STM32WBA62CII6TR Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 185 page
background image
DS14736 Rev 1
153/185
STM32WBA6xxx
Electrical characteristics
169
5.3.24
VCORE monitoring characteristics
5.3.25
Voltage reference buffer characteristics
Table 87. VCORE monitoring characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
TS_VCORE ADC sampling time when reading the VCORE voltage
1
-
-
µs
Table 88. VREFBUF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
Normal mode
VRS = 000
1.8
-
3.6
V
VRS = 001
2.1
-
VRS = 010
2.4
-
VRS = 011
2.8
-
Degraded
mode(2)
VRS = 000
1.62
-1.8
VRS = 001
-
2.1
VRS = 010
-
2.4
VRS = 011
-
2.8
VREFBUF_
OUT
(3)
Voltage reference
buffer output
Normal mode
at VDDA = 3 V,
TJ = 30 °C,
Iload = 10 µA
VRS = 000
1.496
1.5
1.504
VRS = 001
1.795
1.8
1.805
VRS = 010
2.042
2.048
2.054
VRS = 011
2.493
2.5
2.507
Degraded
mode(2)
VRS = 000 Min (VDDA - 0.15, 1.496)
-
1.504
VRS = 001 Min (VDDA - 0.15, 1.795)
-
1.805
VRS = 010 Min (VDDA - 0.15, 2.042)
-
2.054
VRS = 011 Min (VDDA - 0.15, 2.493)
-
2.507
TRIM
Trim step
-
0.1
0.175
0.25
%
CL
Load capacitor(4)
-
0.5
1.10
1.50
µF
esr
CL equivalent serial
resistor
--
-
2
Ω
Iload
Static load current
-
-
-
4
mA
RPD
Pull-down resistance
-
-
-
400
Ω
Iline_reg
Line regulation
VDDAmin ≤ VDDA ≤ 3.6 V,
Normal mode,
500 µA ≤ Iload ≤ 4 mA
±0.016
±0.033
±0.053
%
Iload_reg Load regulation(5)
Normal mode,
500 μA ≤ Iload ≤ 4 mA
-50
400
ppm/
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com