Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 45 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 45 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IHFXT
HFXT current consumption
fHFXT=4MHz, Rm=300Ω, CL=12pF
75
uA
fHFXT=32MHz, Rm=30Ω, CL=12pF,
Cm=6.26fF, Lm=1.76mH
600
High frequency digital clock input (HFCLK_IN)
fHFIN
HFCLK_IN frequency (3)
USEEXTHFCLK=1
4
48
MHz
DCHFIN
HFCLK_IN duty cycle (3)
USEEXTHFCLK=1
40
60
%
(1)
This includes parasitic bond and package capacitance (≈2pF per pin), calculated as CHFXIN×CHFXOUT/(CHFXIN+CHFXOUT), where CHFXIN
and CHFXOUT are the total capacitance at HFXIN and HFXOUT, respectively.
(2)
The HFXT startup time (tstart, HFXT) is measured from the time the HFXT is enabled until stable oscillation for a typical crystal. Start-up
time is dependent upon crystal frequency and crystal specifications. Refer to the HFXT section of the MSPM33C3x 160-MHz
Microcontrollers Technical Reference Manual
(3)
The digital clock input (HFCLK_IN) accepts a logic level square wave clock.
7.8.3 System Phase Lock Loop (SYSPLL)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSYSPLLREF
SYSPLL reference frequency range
4
48
MHz
fVCO
VCO output frequency
160
400
MHz
fSYSPLL
SYSPLL output frequency range (1)
SYSPLLCLK0, SYSPLLCLK1
5
160
MHz
DCPLL
SYSPLL output duty cycle
fSYSPLLREF=32MHz,
fVCO=320MHz, SYSPLLCLK0/1
45
55
%
JitterSYSPLL
SYSPLL RMS cycle-to-cycle jitter
PDIV=2, Loop
clock=8MHz,fSYSPLLREF=32MHz,
fVCO=320MHz
43
ps
SYSPLL RMS period jitter
32
ISYSPLL
SYSPLL current consumption
fSYSPLLREF=32MHz, fVCO=320MHz,
PDIV=2; SYSPLL =160 MHz
1.3
uA
tstart, SYSPLL
SYSPLL start-up time
fSYSPLLREF=32MHz, fVCO=320MHz,
PDIV=2; SYSPLL =160 MHz, ±0.5%
accuracy
25
us
(1)
The SYSPLL may support higher output frequencies than the device clock system supports. Ensure that the device maximum
frequency specifications are not violated when configuring the SYSPLL output frequencies.
7.8.4 Low Frequency Oscillator (LFOSC)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLFOSC
LFOSC frequency
32768
Hz
LFOSC accuracy
-40
℃ ≤ Ta ≤ 125 ℃
–5
5
%
-40
℃ ≤ Ta ≤ 85 ℃
–3
3
%
ILFOSC
LFOSC current consumption
300
nA
tstart,
LFOSC
LFOSC start-up time
1.7
ms
7.8.5 Low Frequency Crystal/Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low frequency crystal oscillator (LFXT)
fLFXT
LFXT frequency
32768
Hz
DCLFXT
LFXT duty cycle
30
70
%
OALFXT
LFXT crystal oscillation allowance
419
kΩ
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com