Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 1 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 1 Page - Texas Instruments

  XM33C321ASPZR Datasheet HTML 1Page - Texas Instruments XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
MSPM33C321x Mixed-Signal Microcontrollers
1 Features
• Core
– 160MHz Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, FPU, and DSP extensions
– 4kB instruction cache for 0 wait-state execution
• Operating characteristics
– Extended temperature: –40°C up to 125°C
– Wide supply voltage range: 1.71 V to 3.6 V
• Memories
– Up to 1MB of flash memory with error
correction code (ECC)
• Dual-bank with address swap
– 256kB of SRAM with ECC
– EEPROM operations using 32kB high-
endurance data flash
• Security
– Immutable Root of Trust (RoT) in ROM,
supports secure firmware installation, boot and
key provisioning
– Global Security Controller with dynamic access
controls for flash, SRAM, and peripherals
– AES256 hardware accelerator with GCM
– SHA256 hardware accelerator with HMAC
– Public Key Accelerator (PKA)
– 32-bit true random number generator (TRNG)
• High-performance analog peripherals
– Two high-speed 9.4-Msps 12bit analog-to-
digital converters (ADCs) with up to 36 external
channels
– Two high-speed/low-power comparators
(COMP)
– Two externally available 8-bit DACs
– Configurable 1.4V or 2.5V internal shared
voltage reference (VREF)
– Integrated temperature & supply monitor
• Optimized low-power modes
– RUN: 207µA/MHz (CoreMark)
– STANDBY: 16µA with CPU execution resume
and 64kB SRAM retention
– SHUTDOWN: <100nA with IO wake-up
capability
• Optimized digital peripherals
– Two DMA controllers with 16 total channels
– Nine timers support up to 30 PWM channels
• Two 16-bit advanced timers with deadband,
fault handling, and complementary pair
• Four 16-bit general-purpose timers
• One 32-bit general-purpose timer
• Two 16-bit general-purpose timer supporting
quadrature encoder interface
– One window-watchdog timer
– CRC16/32 module
• Enhanced communication interfaces
– Quad SPI (QSPI) for external memory up to
20Mbytes/s
– Two Controller Area Network (CAN) interfaces
support CAN 2.0A/B and CAN-FD
– Three configurable serial interfaces supporting
UART (LIN) or I2C (SMBus/PMBus)
– Four configurable serial interfaces supporting
UART, I2C, or SPI
– Two dedicated I2C interfaces support up to FM+
(1Mbit/s), SMBus/PMBus
– One dedicated SPI interface
– One dedicated UART interface supporting LIN,
IrDA, DALI, Smart Card, Manchester
– Two digital audio interfaces support full duplex
I2S and TDM (16-slots)
• VBAT island (auxiliary supply)
– Independent supply with dedicated VBAT pin
– Real-time clock (RTC)
– Three tamper detection IO with timestamp
– Independent watchdog timer (IWDT)
– 32B backup memory
• Clock system
– Internal 32MHz oscillator (SYSOSC)
– Phase-locked loop (PLL)
– Internal 32kHz oscillator (LFOSC)
– External 4 to 48MHz crystal oscillator (HFXT)
– External 32kHz crystal oscillator (LFXT)
– External clock input
• Flexible I/O features
– Up to 93 GPIOs
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 100-pin LQFP (0.4mm & 0.5mm pitch)
– 80-pin LQFP (0.5mm pitch)
– 64-pin LQFP (0.5mm pitch)
– 48-pin VQFN (0.5mm pitch)
– 100-pin nFBGA (0.8mm pitch)
• Family members (also see Device Comparison)
– MSPM33C321A: 1MB flash, 256KB SRAM
– MSPM33C3219: 512KB flash, 256KB SRAM
• Development kits and software (also see Tools
and Software)
– LaunchPad EVM LP-MSPM33C321A
– MSP Software Development Kit (SDK)
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
3Mb / 109P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
4Mb / 110P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 103P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 106P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 109P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
More results

Similar Description - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com