Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 71 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 71 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 67Page - Texas Instruments XM33C321ASPZR Datasheet HTML 68Page - Texas Instruments XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments XM33C321ASPZR Datasheet HTML 70Page - Texas Instruments XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
VDDIO
PC
VSS
Z1
HYSTEN
INENA
0
1
15
Unassigned
Peripheral 01
Peripheral 15
0
1
15
Unassigned
Peripheral 01
Peripheral 15
PF
SHUTDOWN Wakeup
WCOMP
VSS
VDDIO
DRV
Glitch
Filter
WUEN
Wake to PMCU
IO pin
SHUTDOWN
D
Q
EN
D
Q
EN
D
Q
EN
S
Q
R
WAKESTATE
Input Logic
Output Logic
PIPU
PIPD
To analog peripheral function(s)
D
Q
EN
D
Q
EN
D
Q
EN
D
Q
EN
D
Q
EN
SHUTDOWN
Latches
1
0
INV
1
0
INV
PMOS
NMOS
DIN
DOUT
0
1
15
Unassigned
Peripheral 01
Peripheral 15
Hi-Z
D
Q
EN
Driver
Logic
S
R
RELEASE
Q
RSTN
RSTN
PF != 0
PC
5V tolerant open drain IO (ODIO)
does not have PMOS control and
pull-up resistor
Figure 8-1. Superset Input/Output Diagram
8.12 Analog Modules
8.12.1 HSADC
The device has two analog-to-digital converter (ADC) modules, HSADC0 and HSADC1, support fast 12-bit
conversions with single-ended inputs and simultaneous sampling operation.
HSADC features include:
• 12-bit output resolution at 9.4Msps with greater than 11.2 ENOB
• HW averaging enables 14-bit effective resolution at 587ksps
• Up to 36 total external input channels
• Up to 4 independent and variable length sequencers with FIFO result read out
– Maps up to 4 analog channel sequences for conversion
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com