Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 5 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 5 Page - Texas Instruments

  XM33C321ASPZR Datasheet HTML 1Page - Texas Instruments XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 113 page
background image
5 Device Comparison
The following table summarizes the features of each device that is described in this data sheet.
Table 5-1. Device Comparison
PRODUCT PREVIEW only
DEVICE NAME(1) (2)
FLASH /SRAM
SECURITY
ACCELERATOR
ADC CHANNELS
CAN
GPIO
PACKAGE
MSPM33C321ASPZR
1MB/256kB
AES, SHA, PKA
36
2
93
LQFP100
16mm x 16mm
0.5mm pin pitch
MSPM33C3219SPZR(3)
512kB/256kB
AES, SHA, PKA
36
2
93
MSPM33C321ASPFAR(3)
1MB/256kB
AES, SHA, PKA
36
2
93
LQFP100
14mm x 14mm
0.4mm pin pitch
MSPM33C3219SPFAR(3)
512kB/256kB
AES, SHA, PKA
36
2
93
MSPM33C321ASPNR(3)
1MB/256kB
AES, SHA, PKA
35
2
73
LQFP80
14mm x 14mm
0.5mm pin pitch
MSPM33C3219SPNR(3)
512kB/256kB
AES, SHA, PKA
35
2
73
MSPM33C321ASPMR(3)
1MB/256kB
AES, SHA, PKA
26
2
57
LQFP64
12mm x 12mm
0.5mm pin pitch
MSPM33C3219SPMR(3)
512kB/256kB
AES, SHA, PKA
26
2
57
MSPM33C321ASRGZR(3)
1MB/256kB
AES, SHA, PKA
21
2
41
VQFN48
7mm x 7mm
0.5mm pin pitch
MSPM33C3219SRGZR(3)
512kB/256kB
AES, SHA, PKA
21
2
41
MSPM33C321ASZAWR(3)
1MB/256kB
AES, SHA, PKA
36
2
93
NFBGA100
9mm x 9mm
0.8mm ball pitch
MSPM33C3219SZAWR(3)
512kB/256kB
AES, SHA, PKA
36
2
93
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section 12, or see the TI website.
(2)
For more information about the device name, see Section 10.2.
(3)
PRODUCT PREVIEW only
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com