| Electronic Components Datasheet Search |
|
XM33C321ASPZR Datasheet(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR Datasheet(HTML) 62 Page - Texas Instruments |
|
62 / 113 page ![]() Table 8-1. Supported Functionality by Operating Modes (continued) OPERATING MODE RUN SLEEP STOP STANDBY SHUTDOWN VBAT RTC OPT IWDT OPT LFXT OPT BACKUP_REG OPT TAMPER OPT IOMUX and IO Wakeup EN DIS w/ WAKE Wake Sources N/A ANY IRQ PD0 IRQ, LFSS IRQ PD0 IRQ, LFSS IRQ IOMUX, NRST, SWD 8.3 Device Memory Map 8.3.1 Memory Organization Table 8-2 summarizes the platform memory map of the device. Table 8-2. Platform Memory Map MEMORY REGION SUBREGION MSPM33C32xA MSPM33C32x9 Flash Non-Secure 0x0000.0000 to 0x00FF.FFFF 0x0000.0000 to 0x007F.FFFF Secure 0x1000.0000 to 0x10FF.FFFF 0x1000.0000 to 0x107F.FFFF SRAM Non-Secure 0x2000.0000 to 0x203F.FFFF 0x2000.0000 to 0x203F.FFFF Secure 0x3000.0000 to 0x303F.FFFF 0x3000.0000 to 0x303F.FFFF Peripheral Non-Secure 0x4000.0000 to 0x4FFF.FFFF 0x4000.0000 to 0x4FFF.FFFF Secure 0x5000.0000 to 0x5FFF.FFFF 0x5000.0000 to 0x5FFF.FFFF Subsystem Non-Secure Region 0 0x6000.0000 to 0x6FFF.FFFF 0x6000.0000 to 0x6FFF.FFFF Secure Region 0 0x7000.0000 to 0x7FFF.FFFF 0x7000.0000 to 0x7FFF.FFFF Data Flash Non Secure 0x8000.0000 to 0x8000.7FFF 0x8000.0000 to 0x8000.7FFF Non-Secure Region 1 0x8008.0000 to 0x8FFF.FFFF 0x8000.8000 to 0x8FFF.FFFF Data Flash Secure 0x9000.0000 to 0x9000.7FFF 0x9000.0000 to 0x9000.7FFF Secure Region 1 0x9000.8000 to 0x9FFF.FFFF 0x9000.8000 to 0x9FFF.FFFF Non-Secure Region 2 0xA000.0000 to 0xAFFF.FFFF 0xA000.0000 to 0xAFFF.FFFF Secure Region 2 0xB000.0000 to 0xBFFF.FFFF 0xB000.0000 to 0xBFFF.FFFF Non-Secure Region 3 0xC000.0000 to 0xCFFF.FFFF 0xC000.0000 to 0xCFFF.FFFF Secure Region 3 0xD000.0000 to 0xDFFF.FFFF 0xD000.0000 to 0xDFFF.FFFF System PPB 0xE000.0000 to 0xE00F.FFFF 0xE000.0000 to 0xE00F.FFFF 8.3.2 Peripheral Memory Map Table 8-3 lists the available peripherals and the register base address for each in the secure and non-secure regions. Table 8-3. Peripherals Memory Map Peripheral Name Non-Secure Base Address Secure Base Address Size HSADC0.CONFIG 0x4000.0000 0x5000.0000 0x2000 HSADC1.CONFIG 0x4000.2000 0x5000.2000 0x2000 HSADC0.FIFO 0x4000.5000 0x5000.5000 0x1000 HSADC1.FIFO 0x4000.7000 0x5000.7000 0x1000 TIMA0_0 0x4001.0000 0x5001.0000 0x2000 TIMA0_1 0x4001.2000 0x5001.2000 0x2000 DMA0 0x4002.0000 0x5002.0000 0x2000 DMA1 0x4002.2000 0x5002.2000 0x2000 MSPM33C321A, MSPM33C3219 SLASFB6 – DECEMBER 2025 www.ti.com 62 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: MSPM33C321A MSPM33C3219 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |