Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 31Page - Renesas Technology Corp AT45DB321E Datasheet HTML 32Page - Renesas Technology Corp AT45DB321E Datasheet HTML 33Page - Renesas Technology Corp AT45DB321E Datasheet HTML 34Page - Renesas Technology Corp AT45DB321E Datasheet HTML 35Page - Renesas Technology Corp AT45DB321E Datasheet HTML 36Page - Renesas Technology Corp AT45DB321E Datasheet HTML 37Page - Renesas Technology Corp AT45DB321E Datasheet HTML 38Page - Renesas Technology Corp AT45DB321E Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 35
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
8.1.2
Freeze Sector Lockdown
The Sector Lockdown command can be permanently disabled, and the current sector lockdown state can be
permanently frozen so that no additional sectors can be locked down aside from those already locked down. Any
attempts to issue the Sector Lockdown command after the Sector Lockdown State has been frozen are ignored.
To issue the Freeze Sector Lockdown command, the CS pin must be asserted and the opcode sequence of 34h,
55h, AAh, and 40h must be clocked into the device. Any additional data clocked into the device are ignored. When
the CS pin is deasserted, the current sector lockdown state is permanently frozen within a time of tLOCK. Also, the
SLE bit in the Status Register is permanently reset to a Logic 0 to indicate that the Sector Lockdown command is
permanently disabled.
Table 18. Freeze Sector Lockdown
Figure 13. Freeze Sector Lockdown
Command
Byte 1
Byte 2
Byte 3
Byte 4
Freeze Sector Lockdown
34h
55h
AAh
40h
34h
55h
AAh
40h
CS
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com