Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 11Page - Renesas Technology Corp AT45DB321E Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 15
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
6.6
Main Memory Page Read
A Main Memory Page Read allows the reading of data directly from a single page in the main memory, bypassing
both of the data buffers and leaving the contents of the buffers unchanged. To start a page read using the
standard DataFlash page size (528 bytes), an opcode of D2h must be clocked into the device followed by three
address bytes (which comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 13
bits (PA12 - PA0) of the 23-bit address sequence specify the page in main memory to be read and the last 10 bits
(BA9 - BA0) of the 23-bit address sequence specify the starting byte address within that page. To start a page
read using the binary page size (512 bytes), the opcode D2h must be clocked into the device followed by three
address bytes and four dummy bytes. The first 13 bits (A21 - A9) of the 22-bit address sequence specify which
page of the main memory array to read, and the last nine bits (A8 - A0) of the 22-bit address sequence specify the
starting byte address within that page. The dummy bytes that follow the address bytes are sent to initialize the
read operation. Following the dummy bytes, the additional pulses on SCK result in data being output on the SO
(serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. Unlike the Continuous Array Read command, when the end of a page in main memory is reached,
the device continues reading back at the beginning of the same page rather than the beginning of the next page.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Main Memory Page Read is defined by the fSCK specification. The
Main Memory Page Read bypasses both data buffers and leaves the contents of the buffers unchanged.
6.7
Buffer Read
The SRAM data buffers can be accessed independently from the main memory array, and using the Buffer Read
command allows data to be sequentially read directly from either one of the buffers. Four opcodes, D4h or D1h for
Buffer 1 and D6h or D3h for Buffer 2, can be used for the Buffer Read command. The use of each opcode
depends on the maximum SCK frequency that is used to read data from the buffers. The D4h and D6h opcode
can be used at any SCK frequency up to the maximum specified by fCAR1 while the D1h and D3h opcode can be
used for lower frequency read operations up to the maximum specified by fCAR2.
To perform a Buffer Read using the standard DataFlash buffer size (528 bytes), the opcode must be clocked into
the device followed by three address bytes comprised of 14 dummy bits and 10 buffer address bits (BFA9 - BFA0).
To perform a Buffer Read using the binary buffer size (512 bytes), the opcode must be clocked into the device
followed by three address bytes comprised of 15 dummy bits and nine buffer address bits (BFA8 - BFA0).
Following the address bytes, one dummy byte must be clocked into the device to initialize the read operation if
using opcodes D4h or D6h. The CS pin must remain low during the loading of the opcode, the address bytes, the
dummy byte (if using opcodes D4h or D6h), and the reading of data. When the end of a buffer is reached, the
device continues reading back at the beginning of the buffer. A low-to-high transition on the CS pin terminates the
read operation and tri-state the output pin (SO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com