Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 55Page - Renesas Technology Corp AT45DB321E Datasheet HTML 56Page - Renesas Technology Corp AT45DB321E Datasheet HTML 57Page - Renesas Technology Corp AT45DB321E Datasheet HTML 58Page - Renesas Technology Corp AT45DB321E Datasheet HTML 59Page - Renesas Technology Corp AT45DB321E Datasheet HTML 60Page - Renesas Technology Corp AT45DB321E Datasheet HTML 61Page - Renesas Technology Corp AT45DB321E Datasheet HTML 62Page - Renesas Technology Corp AT45DB321E Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 59
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
18.3 DC Characteristics
1. Typical values measured at 3.0 V at 25
°C.
2. ICC2 during a Buffer Read is 20mA maximum @ 20 MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IUDPD
Ultra-Deep Power-Down Current
CS= VCC. All other inputs at 0 V or VCC
0.4
1
µA
IDPD
Deep Power-Down Current
CS= VCC. All other inputs at 0 V or VCC
512
µA
ISB
Standby Current
CS= VCC. All other inputs at 0 V or VCC
25
50
µA
ICC1
Active Current, Low Power Read
(01h) Operation
f = 1 MHz; IOUT = 0 mA
6
9
mA
f = 15 MHz; IOUT = 0 mA
7
11
mA
ICC2[1][2]
Active Current,
Read Operation
f = 50 MHz; IOUT = 0 mA
12
17
mA
f = 85 MHz; IOUT = 0 mA
16
22
mA
ICC3
Active Current,
Program Operation
CS=VCC
12
18
mA
ICC4
Active Current, Erase Operation
CS=VCC
12
18
mA
ILI
Input Load Current
All inputs at CMOS levels
1
µA
ILO
Output Leakage Current
All inputs at CMOS levels
1
µA
VIL
Input Low Voltage
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.6
V
VOL
Output Low Voltage
IOL = 100 µA
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com