Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 8Page - Renesas Technology Corp AT45DB321E Datasheet HTML 9Page - Renesas Technology Corp AT45DB321E Datasheet HTML 10Page - Renesas Technology Corp AT45DB321E Datasheet HTML 11Page - Renesas Technology Corp AT45DB321E Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 12
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
6.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from either one of the two
SRAM data buffers. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. See the “Detailed Bit-level
Read Waveforms: RapidS Mode 0/Mode 3” on page 69 diagrams for details on the clock cycle sequences for each
mode.
6.1
Continuous Array Read (Legacy Command: E8h Opcode)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be
used to sequentially read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash incorporates an internal
address counter that automatically increments on every clock cycle, allowing one continuous read from memory to
be performed without the need for additional address sequences. To perform a Continuous Array Read using the
standard DataFlash page size (528 bytes), an opcode of E8h must be clocked into the device followed by three
address bytes (which comprise the 24-bit page and byte address sequence) and four dummy bytes. The first 13
bits (PA12 - PA0) of the 23-bit address sequence specify which page of the main memory array to read and the
last 10 bits (BA9 - BA0) of the 23-bit address sequence specify the starting byte address within the page. To
perform a Continuous Array Read using the binary page size (512 bytes), an opcode of E8h must be clocked into
the device followed by three address bytes and four dummy bytes. The first 13 bits (A21 - A9) of the 22-bit
address sequence specify which page of the main memory array to read and the last nine bits (A8 - A0) of the 22-
bit address sequence specify the starting byte address within the page. The dummy bytes that follow the address
bytes are needed to initialize the read operation. Following the dummy bytes, additional clock pulses on the SCK
pin result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. When the end of a page in the main memory is reached during a Continuous Array Read, the
device continues reading at the beginning of the next page with no delays incurred during the page boundary
crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the
main memory array has been read, the device continues reading back at the beginning of the first page of
memory. As with crossing over page boundaries, no delays are incurred when wrapping around from the end of
the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses the data buffers and leaves the contents of the buffers unchanged.
Warning: This command is not recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com