Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 57Page - Renesas Technology Corp AT45DB321E Datasheet HTML 58Page - Renesas Technology Corp AT45DB321E Datasheet HTML 59Page - Renesas Technology Corp AT45DB321E Datasheet HTML 60Page - Renesas Technology Corp AT45DB321E Datasheet HTML 61Page - Renesas Technology Corp AT45DB321E Datasheet HTML 62Page - Renesas Technology Corp AT45DB321E Datasheet HTML 63Page - Renesas Technology Corp AT45DB321E Datasheet HTML 64Page - Renesas Technology Corp AT45DB321E Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 61
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
18.5 Program and Erase Characteristics
Notes:
1. Values are based on device characterization, not 100% tested in production.
2. Not 100% tested (value guaranteed by design and characterization).
Symbol
Parameter
Min
Typ
Max
Units
tEP
Page Erase and Programming Time (512/528 bytes)
17
35
ms
tP
Page Programming Time
3
5.5
ms
tBP
Byte Programming Time
8
µs
tPE
Page Erase Time
12
35
ms
tBE
Block Erase Time
45
100
ms
tSE
Sector Erase Time
0.7
1.4
s
tCE
Chip Erase Time
45
80
s
tSUSP
Suspend Time
Program
10
15
µs
Erase
20
30
tRES
Resume Time
Program
10
15
µs
Erase
20
30
tOTPP
OTP Security Register Program Time
200
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com