Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 7Page - Renesas Technology Corp AT45DB321E Datasheet HTML 8Page - Renesas Technology Corp AT45DB321E Datasheet HTML 9Page - Renesas Technology Corp AT45DB321E Datasheet HTML 10Page - Renesas Technology Corp AT45DB321E Datasheet HTML 11Page - Renesas Technology Corp AT45DB321E Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 11
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
5.
Device Operation
The device operation is controlled by commands from the host processor. The list of commands and their
associated opcodes are contained in Table 27 on page 51 through Table 30 on page 52. A valid command starts
with the falling edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main memory
address location. While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired
buffer or main memory address location through the SI (Serial Input) pin. All commands, addresses, and data are
transferred with the Most Significant Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in one of the
SRAM buffers. The three address bytes are comprised of a number of dummy bits and a number of actual device
address bits, with the number of dummy bits varying depending on the operation being performed and the
selected device page size. Buffer addressing for the standard DataFlash page size (528 bytes) is referenced in
the datasheet using the terminology BFA9 - BFA0 to denote the 10 address bits required to designate a byte
address within a buffer. The main memory addressing is referenced using the terminology PA12 - PA0 and BA9 -
BA0, where PA12 - PA0 denotes the 13 address bits required to designate a page address, and BA9 - BA0
denotes the 10 address bits required to designate a byte address within the page. Thus, when using the standard
DataFlash page size, a total of 23 address bits are used.
For the “power of 2” binary page size (512 bytes), the buffer addressing is referenced in the datasheet using the
conventional terminology BFA8 - BFA0 to denote the nine address bits required to designate a byte address within
a buffer. Main memory addressing is referenced using the terminology A21 - A0, where A21 - A9 denotes the 13
address bits required to designate a page address, and A8 - A0 denotes the nine address bits required to
designate a byte address within a page. Thus, when using the binary page size, a total of 22 address bits are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com