Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 23Page - Renesas Technology Corp AT45DB321E Datasheet HTML 24Page - Renesas Technology Corp AT45DB321E Datasheet HTML 25Page - Renesas Technology Corp AT45DB321E Datasheet HTML 26Page - Renesas Technology Corp AT45DB321E Datasheet HTML 27Page - Renesas Technology Corp AT45DB321E Datasheet HTML 28Page - Renesas Technology Corp AT45DB321E Datasheet HTML 29Page - Renesas Technology Corp AT45DB321E Datasheet HTML 30Page - Renesas Technology Corp AT45DB321E Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 27
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.14 Software Sector Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be controlled by a host
processor. In such instances, the WP pin can be left floating (the WP pin is internally pulled high) and sector
protection can be controlled using the Enable Sector Protection and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection is disabled. Once the device is powered up,
the Enable Sector Protection command must be reissued if sector protection is desired and if the WP pin is not
used.
7.14.1
Enable Sector Protection
Sectors specified for protection in the Sector Protection Register can be protected from program and erase
operations by issuing the Enable Sector Protection command. To enable the sector protection, a four-byte
command sequence of 3Dh, 2Ah, 7Fh, and A9h must be clocked into the device. After the last bit of the opcode
sequence has been clocked in, the CS pin must be deasserted to enable the Sector Protection.
Table 6. Enable Sector Protection Command
Figure 5. Enable Sector Protection
7.14.2
Disable Sector Protection
To disable the sector protection, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and 9Ah must be clocked into
the device. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to
disable the sector protection.
Table 7. Disable Sector Protection Command
Figure 6. Disable Sector Protection
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3Dh
2Ah
7Fh
A9h
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3Dh
2Ah
7Fh
9Ah
3Dh
2Ah
7Fh
A9h
CS
Each transition represents eight bits
SI
3Dh
2Ah
7Fh
9Ah
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com