Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321E Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 54Page - Renesas Technology Corp AT45DB321E Datasheet HTML 55Page - Renesas Technology Corp AT45DB321E Datasheet HTML 56Page - Renesas Technology Corp AT45DB321E Datasheet HTML 57Page - Renesas Technology Corp AT45DB321E Datasheet HTML 58Page - Renesas Technology Corp AT45DB321E Datasheet HTML 59Page - Renesas Technology Corp AT45DB321E Datasheet HTML 60Page - Renesas Technology Corp AT45DB321E Datasheet HTML 61Page - Renesas Technology Corp AT45DB321E Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 58
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
18. Electrical Specifications
18.1 Absolute Maximum Ratings*
18.2 DC and AC Operating Range
Temperature under Bias . . . . . . -55 °C to +125 °C
Storage Temperature. . . . . . . . . -65 °C to +150 °C
Absolute Maximum Vcc . . . . . . . . . . . . . . . . 3.96 V
All Output Voltages with Respect to Ground
. . . . . . -0.6 V to 4.2 V (Max VCC of 3.6 V + 0.6 V)
All Input Voltages with Respect to Ground
(excluding VCC pin, including NC pins)
. . . . . . -0.6 V to 4.2 V (Max VCC of 3.6 V + 0.6 V)
*Notice: Stresses beyond those listed under “Absolute Maximum
Ratings” can cause permanent damage to the device. The
“Absolute Maximum Ratings” are stress ratings only and
functional operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
can affect device reliability. Voltage extremes referenced in
the “Absolute Maximum Ratings” are intended to
accommodate short duration undershoot/overshoot
conditions and does not imply or guarantee functional
device operation at these levels for any extended period of
time.
AT45DB321E
2.3 V
Operating Temperature (Case)
Industrial
-40
°C to 85 °C
VCC Power Supply
2.3 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com