Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN7560 Datasheet HTML 1Page - Renesas Technology Corp FN7560 Datasheet HTML 2Page - Renesas Technology Corp FN7560 Datasheet HTML 3Page - Renesas Technology Corp FN7560 Datasheet HTML 4Page - Renesas Technology Corp FN7560 Datasheet HTML 5Page - Renesas Technology Corp FN7560 Datasheet HTML 6Page - Renesas Technology Corp FN7560 Datasheet HTML 7Page - Renesas Technology Corp FN7560 Datasheet HTML 8Page - Renesas Technology Corp FN7560 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 3 of 20
Oct 2, 2023
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
CARRIER TYPE
(Note 1)TEMP. RANGE
ISL33001IRTZ
3001
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
Tube
-40 to +85°C
ISL33001IRTZ-T
Reel, 6k
ISL33001IRT2Z
01R2
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
Tube
ISL33001IRT2Z-T
Reel, 6k
ISL33001IBZ
33001
IBZ
8 Ld SOIC
M8.15
Tube
ISL33001IBZ-T
Reel, 2.5k
ISL33001IUZ
33001
8 Ld MSOP
M8.118
Tube
ISL33001IUZ-T
Reel, 2.5k
ISL33002IRTZ
3002
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
Tube
ISL33002IRTZ-T
Reel, 6k
ISL33002IRT2Z
02R2
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
Tube
ISL33002IRT2Z-T
Reel, 6k
ISL33002IUZ
33002
8 Ld MSOP
M8.118
Tube
ISL33002IUZ-T
Reel, 2.5k
ISL33003IRTZ
3003
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
Tube
ISL33003IRTZ-T
Reel, 6k
ISL33003IRT2Z
03R2
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
Tube
ISL33003IRT2Z-T
Reel, 6k
ISL33003IUZ
33003
8 Ld MSOP
M8.118
Tube
ISL33003IUZ-T
Reel, 2.5k
ISL33001MSOPEVAL1Z
ISL33001 Evaluation Board
ISL33002MSOPEVAL1Z
ISL33002 Evaluation Board
ISL33003MSOPEVAL1Z
ISL33003 Evaluation Board
NOTES:
1. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL33001, ISL33002, and ISL33003 product information pages. For more information about MSL, see
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com