Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 11Page - Renesas Technology Corp FN7560 Datasheet HTML 12Page - Renesas Technology Corp FN7560 Datasheet HTML 13Page - Renesas Technology Corp FN7560 Datasheet HTML 14Page - Renesas Technology Corp FN7560 Datasheet HTML 15Page - Renesas Technology Corp FN7560 Datasheet HTML 16Page - Renesas Technology Corp FN7560 Datasheet HTML 17Page - Renesas Technology Corp FN7560 Datasheet HTML 18Page - Renesas Technology Corp FN7560 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 15 of 20
Oct 2, 2023
FIGURE 23. ACCELERATOR PULL-UP CURRENT vs VCC
FIGURE 24. ACCELERATOR PULSE WIDTH vs VCC
FIGURE 25. PROPAGATION DELAY H-L vs VCC
FIGURE 26. PROPAGATION DELAY H-L vs COUT
FIGURE 27. SDA/SCL PIN CAPACITANCE vs TEMPERATURE vs VCC
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
PROCESS:
0.25µm CMOS
Typical Performance Curves(Continued) C
IN = COUT = 10pF, VCC1 = VCC2 = VCC, TA = +25°C; Unless Otherwise
VCC (V)
3
4
5
6
7
8
9
10
11
12
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +85°C
T = +25°C
T = -40°C
VCC (V)
200
300
400
500
600
700
800
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = -40°C
T = +25°C
T = +85°C
See Figure 9
VCC (V)
0
10
20
30
40
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
RPULL-UP = 2.7kΩ
CIN = 10pF
COUT = 100pF
T = +25°C
T = -40°C
T = +85°C
0
10
20
30
40
50
0
100
200
300
400
500
600
700
800
900
COUT (pF)
VCC = 3.3V
RPULL-UP = 10kΩ
CIN = 50pF
T = -40°C
T = +85°C
T = +25°C
TEMPERATURE (°C)
6
7
8
9
10
11
12
-30
-10
10
30
50
70
90
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com