Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 10Page - Renesas Technology Corp FN7560 Datasheet HTML 11Page - Renesas Technology Corp FN7560 Datasheet HTML 12Page - Renesas Technology Corp FN7560 Datasheet HTML 13Page - Renesas Technology Corp FN7560 Datasheet HTML 14Page - Renesas Technology Corp FN7560 Datasheet HTML 15Page - Renesas Technology Corp FN7560 Datasheet HTML 16Page - Renesas Technology Corp FN7560 Datasheet HTML 17Page - Renesas Technology Corp FN7560 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 14 of 20
Oct 2, 2023
FIGURE 17. ICC2 ENABLED CURRENT vs VCC2 (ISL33002 AND
ISL33003)
FIGURE 18. ICC2 DISABLED CURRENT vs VCC2 (ISL33003)
FIGURE 19. SDA/SCL OUTPUT LOW VOLTAGE vs SINK CURRENT vs VCC
FIGURE 20. SDA/SCL OUTPUT LOW VOLTAGE vs SINK CURRENT vs
TEMPERATURE
FIGURE 21. INPUT TO OUTPUT OFFSET VOLTAGE vs SINK CURRENT
vs VCC
FIGURE 22. INPUT TO OUTPUT OFFSET VOLTAGE vs SINK CURRENT
vs TEMPERATURE
Typical Performance Curves(Continued) C
IN = COUT = 10pF, VCC1 = VCC2 = VCC, TA = +25°C; Unless Otherwise
VCC2 (V)
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = -40°C
T = +85°C
T = +25°C
VCC1 = 5.5V
VCC2 (V)
0
10
20
30
40
50
60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +25°C
T = +85°C
VCC1 = 5.5V
0
20
40
60
80
100
120
06
10
11
IOL (mA)
12345
789
VCC = 2.3V
VIN = 0V
VCC = 2.7V
VCC = 4.5V
0
20
40
60
80
100
120
06
10
11
IOL (mA)
12345
789
T = +25°C
T = -40°C
T = +85°C
VCC = 3.3V
VIN = 0V
0
10
20
30
40
50
60
70
80
90
100
IOL (mA)
06
10
11
12
3
4
5
7
8
9
VCC = 2.3V
VCC = 3.3V
VIN = 0.2V
VCC = 5.5V
0
10
20
30
40
50
60
70
80
90
100
06
10
11
12
345
7
8
9
IOL (mA)
T = -40°C
T = +85°C
T = +25°C
VIN = 0.2V
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com