Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 7Page - Renesas Technology Corp FN7560 Datasheet HTML 8Page - Renesas Technology Corp FN7560 Datasheet HTML 9Page - Renesas Technology Corp FN7560 Datasheet HTML 10Page - Renesas Technology Corp FN7560 Datasheet HTML 11Page - Renesas Technology Corp FN7560 Datasheet HTML 12Page - Renesas Technology Corp FN7560 Datasheet HTML 13Page - Renesas Technology Corp FN7560 Datasheet HTML 14Page - Renesas Technology Corp FN7560 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 11 of 20
Oct 2, 2023
Application Information
The ISL33001, ISL33002, ISL33003 ICs are 2-Wire Bidirectional
Bus Buffers designed to drive heavy capacitive loads in
open-drain/open-collector systems. The ISL33001, ISL33002,
ISL33003 incorporate rise time accelerator circuitry that
improves the rise time for systems that use a passive pull-up
resistor for logic HIGH. These devices also feature hot swapping
circuitry for applications that require hot insertion of boards into
a host system (i.e., servers racks and I/O card modules). The
ISL33001 features a logic output flag (READY) that signals the
status of the buffer and an EN pin to enable or disable the buffer.
The ISL33002 features two separate supply pins for voltage level
shifting on the I/O pins and a logic input to disable the rise time
accelerator circuitry. The ISL33003 features an EN pin and the
level shifting functionality.
I2C and SMBUS Compatibility
The ISL33001, ISL33002, ISL33003 ICs are I2C and SMBUS
compatible devices, designed to work in open-drain/open-collector
bus environments. The ICs support both clock stretching and bus
arbitration on the SDA and SCL pins. They are designed to operate
from DC to more than 400kHz, supporting Fast Mode data rates of
the I2C specification.In addition, the buffer rise time accelerators
are designed to increase the capacitive drive capability of the bus.
With careful choosing of components, driving a bus with the I2C
specified maximum bus capacitance of 400pF at 400kHz data rate
is possible.
Start-Up Sequencing and Hot Swap Circuitry
The ISL33001, ISL33002, ISL33003 buffers contain
undervoltage lock out (UVLO) circuitry that prevents operation of
the buffer until the IC receives the proper supply voltage. For
VCC1 and VCC2, this voltage is approximately 1.8V on the rising
edge of the supply voltage. Externally driven signals at the
SDA/SCL pins are ignored until the device supply voltage is
above 1.8V. This prevents communication errors on the bus until
the device is properly powered up. The UVLO circuitry is also
triggered on the falling edge when the supply voltage drops
below 1.7V.
Once the IC comes out of the UVLO state, the buffer remains
disconnected until it detects a valid connection state. A valid
connection state is either a BUS IDLE condition (see Figure 4) or a
STOP BIT condition (a rising edge on SDA_IN when SCL_IN is high)
along with the SCL_OUT and SDA_OUT pins being logic high.
Note: For the ISL33001 and ISL33003 with EN pins, after coming
out of UVLO, there will be an additional delay from the enable
circuitry if the EN pin voltage is not rising at the same time as the
supply pins (see Figure 3) before a valid connection state can be
established.
Coming out of UVLO but prior to a valid connection state, the SDA
and SCL pins are pre-charged to 1V to allow hot insertion.
Because the bus at any time can be between 0V and VCC,
pre-charging the I/O pins to 1V reduces the maximum
differential voltage from the buffer I/O pin and the active bus.
The pre-charge circuitry reduces system disturbance when the IC
is hot plugged into a live back plane that may have the bus
communicating with other devices.
Note: For The ISL33001 and ISL33003 with EN pins, the
pre-charge circuitry is active only after coming out of UVLO and
having the device enabled.
Connection Circuitry
Once a valid connection condition is met, the buffer is active and
the input stage of the SDA/SCL pins is controlled by external
drivers. The output of the buffer will follow the input of the buffer.
The directionality of the IN/OUT pins are not exclusive
(bi-directional operation) and functionally behave identical to
each other. Being a two channel buffer, the SDA and SCL pins
also behave identically. In addition, the SDA and SCL portions of
the buffer are independent from each other. The SDA pins can be
driven in one direction while the SCL pins can be driven opposite.
Refer to Figure 10 for the operation of the bi-directional buffer.
When the input stage of the buffer on one side is driven low by an
external device, the output of the buffer drives an open-drain
transistor to pull the ‘output’ pin low. The ‘output’ pin will
continue to be held low by the transistor until the external driver
on the ‘input’ releases the bus.
To prevent the buffer from entering a latched condition where
both internal transistors are actively pulling the I/O pins low, the
buffer is designed to be active in only one direction. The buffer
logic circuitry senses, which input stage is being externally driven
low and sets that buffer to be the active one. For example,
referring to Figure 10, if SDA_OUT is externally driven low, buffer
U2 will be active and buffer U1 is inactive. M1 is turned on to
drive SDA_IN low, effectively buffering the signal from SDA_OUT
to SDA_IN. The low signal at the input of U1 will not turn M2 on
because U1 remains inactive, preventing a latch condition.
Buffer Output Low and Offset Voltage
By design, when a logic input low voltage is forced on the input of
the buffer, the output of the buffer will have an input to output
offset voltage. The output voltage of the buffer is determined by
Equation 1:
Where VOS is the buffer internal offset voltage, RPull-Up is the
pull-up resistance on the SDA/SCL pin to VCC and rON is the
ON-resistance of the buffer’s internal NMOS pull-down device.
The last term of the equation is the additional voltage drop
developed by sink current and the internal resistance of the
transistor. The VOS of the buffer can be determined by
Figures 21, 22 and is typically 40mV. Reducing the pull-up
resistor values increases the sink current and increases the
output voltage of the buffer for a given input low voltage
(Figures 19, through 22).
Rise Time Accelerators
The ISL33001, ISL33002, ISL33003 buffer rise time
accelerators on the SDA/SCL pins improve the transient
performance of the system. Heavy load capacitance or weak
pull-up resistors on an Open-Drain bus cause the rise time to be
excessively long, which leads to data errors or reduced data rate
performance. The rise time accelerators are only active on the
low-to-high transitions and provide an active constant current
source to slew the voltage on the pin quickly (Figure 23).
VOUT
VIN VOS
VCC/RPULL-UP rON

++
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com