Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN7560 Datasheet HTML 1Page - Renesas Technology Corp FN7560 Datasheet HTML 2Page - Renesas Technology Corp FN7560 Datasheet HTML 3Page - Renesas Technology Corp FN7560 Datasheet HTML 4Page - Renesas Technology Corp FN7560 Datasheet HTML 5Page - Renesas Technology Corp FN7560 Datasheet HTML 6Page - Renesas Technology Corp FN7560 Datasheet HTML 7Page - Renesas Technology Corp FN7560 Datasheet HTML 8Page - Renesas Technology Corp FN7560 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN7560 Rev 6.02
Page 1 of 20
Oct 2, 2023
© 2010-2023 Renesas Electronics
ISL33001, ISL33002, ISL33003
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
DATASHEET
The ISL33001, ISL33002, ISL33003 are 2-Channel Bus Buffers
that provide the buffering necessary to extend the bus
capacitance beyond the 400pF maximum specified by the I2C
specification. In addition, the ISL33001, ISL33002, ISL33003
feature rise time accelerator circuitry to reduce power
consumption from passive bus pull-up resistors and improve
data-rate performance. All devices also include hot swap circuitry
to prevent corruption of the data and clock lines when I2C devices
are plugged into a live backplane, and the ISL33002 and
ISL33003 add level translation for mixed supply voltage
applications. The ISL33001, ISL33002, ISL33003 operate at
supply voltages from +2.3V to +5.5V at a temperature range of
-40°C to +85°C.
Features
•2 Channel I2C compatible bi-directional buffer
• +2.3VDC to +5.5VDC supply range
• >400kHz operation
• Bus capacitance buffering
• Rise time accelerators
• Hot swapping capability
• ±6kV Class 3 HBM ESD protection on all pins
• ±12kV HBM ESD protection on SDA/SCL pins
• Enable pin (ISL33001 and ISL33003)
• Logic level translation (ISL33002 and ISL33003)
• READY logic pin (ISL33001)
• Accelerator disable pin (ISL33002)
• Pb-free (RoHS Compliant) 8 Ld SOIC (ISL33001 only),
8 Ld TDFN (3mmx3mm) and 8 Ld MSOP packages
• Low quiescent current . . . . . . . . . . . . . . . . . . . . . . . 2.1mA typ
• Low shutdown current . . . . . . . . . . . . . . . . . . . . . . . . 0.5µA typ
Applications
•I2C bus extender and capacitance buffering
• Server racks for telecom, datacom, and computer servers
• Desktop computers
• Hot-swap board insertion and bus isolation
Summary of Features
PART
NUMBER
LEVEL
TRANSLATION
ENABLE
PIN
READY
PIN
ACCELERATOR
DISABLE
ISL33001
No
Yes
Yes
No
ISL33002
Yes
No
No
Yes
ISL33003
Yes
Yes
No
No
FIGURE 1. TYPICAL OPERATING CIRCUIT
FIGURE 2. BUS ACCELERATOR PERFORMANCE
GND
SDA
SCL
+3.3V
VCC2
µC
BACK
PLANE
ISL33003
EN
VCC1
+5.0V
DEVICE
SDA
SCL
I2C
DEVICE
A
B
I2C
TIME (2µs/DIV)
100kHz I2C BUS WITH 2.7kΩ PULL-UP RESISTOR
AND 400pF BUS CAPACITANCE
WITHOUT BUFFER
WITH BUFFER


Similar Part No. - FN7560

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN7560-10-M3 SCHAFFNER-FN7560-10-M3 Datasheet
420Kb / 4P
DC Feedthrough Capacitor
FN7560-100-M8 SCHAFFNER-FN7560-100-M8 Datasheet
420Kb / 4P
DC Feedthrough Capacitor
FN7560-200-M10 SCHAFFNER-FN7560-200-M10 Datasheet
420Kb / 4P
DC Feedthrough Capacitor
FN7560-63-M6 SCHAFFNER-FN7560-63-M6 Datasheet
420Kb / 4P
DC Feedthrough Capacitor
More results

Similar Description - FN7560

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
September 30, 2010
logo
NXP Semiconductors
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com