Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 9Page - Renesas Technology Corp FN7560 Datasheet HTML 10Page - Renesas Technology Corp FN7560 Datasheet HTML 11Page - Renesas Technology Corp FN7560 Datasheet HTML 12Page - Renesas Technology Corp FN7560 Datasheet HTML 13Page - Renesas Technology Corp FN7560 Datasheet HTML 14Page - Renesas Technology Corp FN7560 Datasheet HTML 15Page - Renesas Technology Corp FN7560 Datasheet HTML 16Page - Renesas Technology Corp FN7560 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 13 of 20
Oct 2, 2023
Figure 12 shows the corresponding input and output signals.
With its accelerators disabled, the ISL33002 behaves like a
standard I2C buffer, whose high output steady states are purely
determined by the external 1.8V supply through the pull-up
resistors, R4 and R5. As shown in Figure 12, both I2C outputs are
without overshoot.
The supply of the output side (VCC2) is reduced to 2.4V, just 0.1V
above the specified minimum supply level. This ensures reliable
device operation, but also minimizes the distance between VCC2
and the external 1.8V bus voltage, which eases the internal
biasing of the output switches.
VCC2 can be generated either by a separate 2.4V power supply,
or by deriving it from VCC1 using a 2.4V Zener diode and series
resistor, R3. The 100nF buffer capacitance, C1, is needed to
provide sufficient supply current during the switching of the
output stages.
FIGURE 12. 3.3V INPUT AND 1.8V OUTPUT SIGNALS FOR DISABLED
ACCELERATOR
2V/Div
20µs/Div
SCL_IN
SCL_OUT
SDA_IN
SDA_OUT
Typical Performance Curves C
IN = COUT = 10pF, VCC1 = VCC2 = VCC, TA = +25°C; Unless Otherwise Specified.
FIGURE 13. ICC1 ENABLED CURRENT vs VCC1 (ISL33001)
FIGURE 14. ICC1 DISABLED CURRENT vs VCC1 (ISL33001)
FIGURE 15. ICC1 ENABLED CURRENT vs VCC1 (ISL33002 AND
ISL33003)
FIGURE 16. ICC1 DISABLED CURRENT vs VCC1 (ISL33003)
VCC1 (V)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.02.5
3.03.5
4.04.5
5.05.5
6.0
T = +85°C
T = +25°C
T = -40°C
VCC1 (V)
100
150
200
250
300
350
400
450
500
550
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +85°C
T = +25°C
VCC1 (V)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +25°C
T = -40°C
T = +85°C
VCC1 (V)
VCC2 = 5.5V
VCC1 (V)
0
10
20
30
40
50
60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T = +25°C
T = +85°C
VCC2 = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com