Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 3Page - Renesas Technology Corp FN7560 Datasheet HTML 4Page - Renesas Technology Corp FN7560 Datasheet HTML 5Page - Renesas Technology Corp FN7560 Datasheet HTML 6Page - Renesas Technology Corp FN7560 Datasheet HTML 7Page - Renesas Technology Corp FN7560 Datasheet HTML 8Page - Renesas Technology Corp FN7560 Datasheet HTML 9Page - Renesas Technology Corp FN7560 Datasheet HTML 10Page - Renesas Technology Corp FN7560 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 7 of 20
Oct 2, 2023
Ready Delay, Off-On
tREADY-LH
ISL33001 only (Note 10)
+25
-
10
-
ns
Ready Output Low Voltage
VOL_READY VCC1 = +2.5V, IPULLUP = 3mA; ISL33001 only
Full
-
-
0.4
V
RISE-TIME ACCELERATORS
Transient Accelerator
Current
ITRAN_ACC VCC1 = 2.7V, VCC2 = 2.7V ; (ACC = 0.7*VCC1 for
ISL33002 only) (Figure 8)
+25
-
5
-
mA
Accelerator Pin Enable
Threshold
VACC_EN
ISL33002 only
+25
-
0.5*VCC1
0.7*VCC1
V
Accelerator Pin Disable
Threshold
VACC_DIS
ISL33002 only
+25
0.3*VCC1
0.5*VCC1
-
V
Accelerator Pin Input
Current
IACC
ISL33002 only
+25
-1
0.1
1
µA
Accelerator Delay, On-Off
tPDOFF
ISL33002 only (Note 10)
+25
-
10
-
ns
ESD PROTECTION
SDA, SCL I/O Pins
Human Body Model, SDA and SCL pins to ground
only (JESD22-A114)
+25
-
±12
-
kV
All Pins
Machine Model (JESD22-A115)
+25
-
±400
-
V
Class 3 HBM ESD (JESD22-A114)
+25
±6
-
kV
INPUT-OUTPUT CONNECTIONS
Input Low Threshold
VIL
VCC1 = VCC2, 10kto VCC1 on SDA and SCL pins
+25
-
-
0.3*VCC1
V
Input-Output Offset
Voltage
VOS
VCC1 = 3.3V, 10kto VCC1 on SDA and SCL pins,
VINPUT = 0.2V; VCC2 = 3.3V, ISL33002 and
ISL33003 (Figure 5)
Full
0
50
150
mV
Output Low Voltage
VOL
VCC1 = 2.7V, VINPUT = 0V, ISINK =3mA on
SDA/SCL pins; VCC2 = 2.7V, ISL33002 and
ISL33003 (Figure 6)
Full
-
-
0.4
V
Buffer SDA and SCL Pins
Input Capacitance
CIN
(Figure 27)
+25
-
10
-
pF
Input Leakage Current
ILEAK
SDA and SCL pins = VCC1 = 5.5V;
VCC2 = 5.5V, ISL33002 and ISL33003
Full
-5
0.1
5
µA
TIMING CHARACTERISTICS
SCL/SDA Propagation
Delay High-to-Low
tPHL
CLOAD = 100pF, 2.7kto VCC1 on SDA and SCL
pins, VCC1 = 3.3V; VCC2 = 3.3V, ISL33002 and
ISL33003 (Figure 7)
+25
0
27
100
ns
SCL/SDA Propagation
Delay Low-to-High
tPLH
CLOAD = 100pF, 2.7kto VCC1 on SDA and SCL
pins, VCC1 = 3.3V; VCC2 = 3.3V, ISL33002 and
ISL33003 (Figure 7)
+25
0
2
26
ns
NOTES:
8. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Typical value determined by design simulations. Parameter not tested.
11. Buffer is in the connected state.
12. ISL33002 and ISL33003 limits established by characterization. Not production tested.
13. If the VCC1 and VCC2 voltages diverge, then the shut down ICC increases on the higher voltage supply.
Electrical Specifications VEN = VCC1, VCC1 = +2.3V to +5.5V, VCC2 = +2.3V to +5.5V, unless otherwise noted (Note 8). Boldface limits apply
over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
TEMP
(°C)
MIN
(Note 9)TYP
MAX
(Note 9)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com