Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button FN7560 Datasheet HTML 13Page - Renesas Technology Corp FN7560 Datasheet HTML 14Page - Renesas Technology Corp FN7560 Datasheet HTML 15Page - Renesas Technology Corp FN7560 Datasheet HTML 16Page - Renesas Technology Corp FN7560 Datasheet HTML 17Page - Renesas Technology Corp FN7560 Datasheet HTML 18Page - Renesas Technology Corp FN7560 Datasheet HTML 19Page - Renesas Technology Corp FN7560 Datasheet HTML 20Page - Renesas Technology Corp FN7560 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 17 of 20
Oct 2, 2023
Package Outline Drawings
For the most recent package outline drawing, see L8.3x3H.
L8.3x3H
8 Lead Thin Dual Flat No-Lead Plastic Package (TDFN)
Rev 1, 5/15
BOTTOM VIEW
TOP VIEW
SIDE VIEW
DETAIL “X”
TYPICAL RECOMMENDED LAND PATTERN
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
measured between 0.15mm and 0.30mm from the terminal tip.
Lead width dimension applies to the metallized terminal and is
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
8
5
1
4
SEE DETAIL "X"
0 .80 MAX
( 6X 0 . 5 )
2 . 80
( 2.38 )
8X 0.60
SEATING PLANE
C
0.2 REF
0 . 05 MAX.
0 . 00 MIN.
C
0.08
BASE PLANE
C
0.10
C
PIN #1 INDEX AREA
6
(4X)
0.15
PIN 1
INDEX AREA
3.00
B
3.00
A
6
6 X 0.50
8 X 0.25
C
0.10 M
B
A
8 X 0.40
1.50 REF
( 1.64 )
2.38
1.64
2.20
( 8X 0.25 )
( 2 .20 )
Tiebar shown (if present) is a non-functional feature and may be
located on any of the 4 sides (or ends).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com