Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7560 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN7560
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability DATASHEET The ISL33001,
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7560 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN7560 Datasheet HTML 1Page - Renesas Technology Corp FN7560 Datasheet HTML 2Page - Renesas Technology Corp FN7560 Datasheet HTML 3Page - Renesas Technology Corp FN7560 Datasheet HTML 4Page - Renesas Technology Corp FN7560 Datasheet HTML 5Page - Renesas Technology Corp FN7560 Datasheet HTML 6Page - Renesas Technology Corp FN7560 Datasheet HTML 7Page - Renesas Technology Corp FN7560 Datasheet HTML 8Page - Renesas Technology Corp FN7560 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ISL33001, ISL33002, ISL33003
FN7560 Rev 6.02
Page 5 of 20
Oct 2, 2023
Pin Descriptions
PIN NAME
PIN
NUMBER
FUNCTION
NOTES
VCC1
8VCC1 power supply, +2.3V to +5.5V. Decouple VCC1 to ground with a high frequency
0.01µF to 0.1µF capacitor.
VCC2
1VCC2 power supply, +2.3V to +5.5V. Decouple VCC2 to ground with a high frequency
0.01µF to 0.1µF capacitor. In level shifting applications, SDA_OUT and SCL_OUT logic
thresholds are referenced to VCC2 supply levels. Connect pull-up resistors on these
pins to VCC2.
ISL33002 (8 LD TDFN, 8 LD MSOP)
ISL33003 (8 LD TDFN, 8 LD MSOP)
GND
4
Device Ground Pin
EN
1
Buffer Enable Pin. Logic “0” disables the device. Logic “1” enables the device. Logic
threshold referenced to VCC1.
ISL33001 (8 LD TDFN, 8 LD SOIC, MSOP)
5
ISL33003 (8 LD TDFN, 8 LD MSOP)
READY
5
Buffer active ‘Ready’ open drain logic output. When buffer is active, READY is high
impedance. When buffer is inactive, READY is low impedance to ground. Connect to
10kΩ pull-up resistor to VCC1.
ISL33001 only
ACC
5
Rise Time Accelerator Enable Pin. Logic “0” disables the accelerator. Logic “1”
enables the accelerator. Logic threshold referenced to VCC1.
ISL33002 only
SDA_IN
6
Data I/O Pins
SDA_OUT
7
SCL_IN
3
Clock I/O Pins
SCL_OUT
2
PAD
Thermal pad should be connected to ground or floated.
Thermal Pad; TDFN only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com