Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 45Page - STMicroelectronics STM32F101X6 Datasheet HTML 46Page - STMicroelectronics STM32F101X6 Datasheet HTML 47Page - STMicroelectronics STM32F101X6 Datasheet HTML 48Page - STMicroelectronics STM32F101X6 Datasheet HTML 49Page - STMicroelectronics STM32F101X6 Datasheet HTML 50Page - STMicroelectronics STM32F101X6 Datasheet HTML 51Page - STMicroelectronics STM32F101X6 Datasheet HTML 52Page - STMicroelectronics STM32F101X6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
DocID15058 Rev 6
49/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
5.3.9
Memory characteristics
Flash memory
The characteristics are given at TA = –40 to 85 °C unless otherwise specified.
5.3.10
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (Electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports).
the device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
•
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and
VSS through a 100 pF capacitor, until a functional disturbance occurs. This test is
compliant with the IEC 61000-4-4 standard.
A device reset allows normal operations to be resumed.
tLOCK
PLL lock time
-
-
200
µs
Jitter
Cycle-to-cycle jitter
-
-
300
ps
1. Based on device characterization, not tested in production.
2. Take care of using the appropriate multiplier factors so as to have PLL input clock values compatible with
the range defined by fPLL_OUT.
Table 26. PLL characteristics (continued)
Symbol
Parameter
Value
Unit
Min(1)
Typ
Max(1)
Table 27. Flash memory characteristics
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by design, not tested in production.
Typ
Max(1)
Unit
tprog
16-bit programming time
TA = –40 to +85 °C
40
52.5
70
µs
tERASE
Page (1 KB) erase time
TA = –40 to +85 °C
20
-
40
ms
tME
Mass erase time
TA = –40 to +85 °C
20
-
40
ms
IDD
Supply current
Read mode
fHCLK = 36 MHz with 1 wait
state, VDD = 3.3 V
--
20
mA
Write / Erase modes
fHCLK = 36 MHz, VDD = 3.3 V
--
5
mA
Power-down mode / Halt,
VDD = 3.0 to 3.6 V
-
-
50
µA
Vprog
Programming voltage
-
2
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com