Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 37Page - STMicroelectronics STM32F101X6 Datasheet HTML 38Page - STMicroelectronics STM32F101X6 Datasheet HTML 39Page - STMicroelectronics STM32F101X6 Datasheet HTML 40Page - STMicroelectronics STM32F101X6 Datasheet HTML 41Page - STMicroelectronics STM32F101X6 Datasheet HTML 42Page - STMicroelectronics STM32F101X6 Datasheet HTML 43Page - STMicroelectronics STM32F101X6 Datasheet HTML 44Page - STMicroelectronics STM32F101X6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
DocID15058 Rev 6
41/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 18. The MCU is placed
under the following conditions:
•
all I/O pins are in input mode with a static value at VDD or VSS (no load)
•
all peripherals are disabled unless otherwise mentioned
•
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
ambient operating temperature and VDD supply voltage conditions summarized in
Table 5.
Table 17. Typical current consumption in Sleep mode, code running from Flash or
RAM
Symbol
Parameter
Conditions
fHCLK
Typ(1)
1. Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Typ(1)
Unit
All peripherals
enabled(2)
2. Add an additional power consumption of 0.8 mA per ADC for the analog part. In applications, this
consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Sleep mode
External clock(3)
3. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
6.7
3.1
mA
24 MHz
4.8
2.3
16 MHz
3.4
1.8
8 MHz
2
1.2
4 MHz
1.5
1.1
2 MHz
1.25
1
1 MHz
1.1
0.98
500 kHz
1.05
0.96
125 kHz
1
0.95
Running on High
Speed Internal RC
(HSI), AHB
prescaler used to
reduce the
frequency
36 MHz
6.1
2.5
24 MHz
4.2
1.7
16 MHz
2.8
1.2
8 MHz
1.4
0.55
4 MHz
0.9
0.5
2 MHz
0.7
0.45
1 MHz
0.55
0.42
500 kHz
0.48
0.4
125 kHz
0.4
0.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com