Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 27Page - STMicroelectronics STM32F101X6 Datasheet HTML 28Page - STMicroelectronics STM32F101X6 Datasheet HTML 29Page - STMicroelectronics STM32F101X6 Datasheet HTML 30Page - STMicroelectronics STM32F101X6 Datasheet HTML 31Page - STMicroelectronics STM32F101X6 Datasheet HTML 32Page - STMicroelectronics STM32F101X6 Datasheet HTML 33Page - STMicroelectronics STM32F101X6 Datasheet HTML 34Page - STMicroelectronics STM32F101X6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
DocID15058 Rev 6
31/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
5.3
Operating conditions
5.3.1
General operating conditions
Table 6. Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD/VDDA power lines (source)(1)
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
150
mA
IVSS
Total current out of VSS ground lines (sink)(1)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
−25
IINJ(PIN)(2)
2. Negative injection disturbs the analog performance of the device. See note in Section 5.3.17: 12-bit ADC
characteristics.
Injected current on five volt tolerant pins(3)
3. Positive injection is not possible on these I/Os. A negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 5: Voltage characteristics for the maximum allowed input voltage
values.
-5/+0
Injected current on any other pin(4)
4.
A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 5: Voltage characteristics for the maximum allowed input voltage
values.
± 5
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins)(5)
5. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
± 25
Table 7. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 8. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
36
MHz
fPCLK1
Internal APB1 clock frequency
-
0
36
fPCLK2
Internal APB2 clock frequency
-
0
36
VDD
Standard operating voltage
-
2
3.6
V
VDDA(1)
Analog operating voltage
(ADC not used)
Must be the same potential
as VDD(2)
23.6
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
-
1.8
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com