Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 79Page - STMicroelectronics STM32F101X6 Datasheet HTML 80Page - STMicroelectronics STM32F101X6 Datasheet HTML 81Page - STMicroelectronics STM32F101X6 Datasheet HTML 82Page - STMicroelectronics STM32F101X6 Datasheet HTML 83Page - STMicroelectronics STM32F101X6 Datasheet HTML 84Page - STMicroelectronics STM32F101X6 Datasheet HTML 85Page - STMicroelectronics STM32F101X6 Datasheet HTML 86Page - STMicroelectronics STM32F101X6 Datasheet HTML 87Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
DocID15058 Rev 6
85/87
STM32F101x4, STM32F101x6
Revision history
86
8
Revision history
Table 51. Document revision history
Date
Revision
Changes
23-Sep-2008
1
Initial release.
07-Apr-2009
2
I/O information clarified on page 1. Figure 7: Memory map modified.
In Table 4: Low-density STM32F101xx pin definitions: PB4, PB13, PB14,
PB15, PB3/TRACESWO moved from Default column to Remap column.
VREF- is not available in the offered packages: Figure 1: STM32F101xx
Low-density access line block diagram, Figure 10: Power supply scheme
and Figure 34: Power supply and reference decoupling updated,
Figure 30: Power supply and reference decoupling (VREF+ not
connected to VDDA) removed.
Note modified in Table 12: Maximum current consumption in Run mode,
code with data processing running from Flash and Table 14: Maximum
current consumption in Sleep mode, code running from Flash or RAM.
Figure 15, Figure 16 and Figure 17 show typical curves.
ACCHSI max values modified in Table 23: HSI oscillator characteristics.
Small text changes.
24-Sep-2009
3
Note 5 updated and Note 4 added in Table 4: Low-density STM32F101xx
pin definitions.
VRERINT and TCoeff added to Table 11: Embedded internal reference
voltage. Typical IDD_VBATvalue added in Table 15: Typical and maximum
current consumptions in Stop and Standby modes. Figure 14: Typical
current consumption on VBAT with RTC on versus temperature at
different VBAT values added.
fHSE_ext min modified in Table 19: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 21: HSE 4-16 MHz oscillator
characteristics and Table 22: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables.
Note 1 modified below Figure 20: Typical application with an 8 MHz
crystal.
Table 23: HSI oscillator characteristics modified. Conditions removed from
Table 25: Low-power mode wakeup timings.
Figure 27: Recommended NRST pin protection modified.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.10: EMC characteristics on page 49.
Jitter added to Table 26: PLL characteristics.
CADC and RAIN parameters modified in Table 41: ADC characteristics.
RAIN max values modified in Table 42: RAIN max for fADC = 14 MHz.
Small text changes.
20-May-2010
4
Added VFQFPN48 package.
Updated note 2 below Table 38: I2C characteristics
Updated Figure 28: I2C bus AC waveforms and measurement circuit(1)
Updated Figure 27: Recommended NRST pin protection
Updated Section 5.3.12: I/O current injection characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com