Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 21Page - STMicroelectronics STM32F101X6 Datasheet HTML 22Page - STMicroelectronics STM32F101X6 Datasheet HTML 23Page - STMicroelectronics STM32F101X6 Datasheet HTML 24Page - STMicroelectronics STM32F101X6 Datasheet HTML 25Page - STMicroelectronics STM32F101X6 Datasheet HTML 26Page - STMicroelectronics STM32F101X6 Datasheet HTML 27Page - STMicroelectronics STM32F101X6 Datasheet HTML 28Page - STMicroelectronics STM32F101X6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
DocID15058 Rev 6
25/87
STM32F101x4, STM32F101x6
Pinouts and pin description
86
37
49 28
PA14
I/O
FT
JTCK/SWCL
K
-PA14
38
50 29
PA15
I/O
FT
JTDI
-
TIM2_CH1_ETR/
PA15 / SPI_NSS
-
51
-
PC10
I/O
FT
PC10
-
-
-
52
-
PC11
I/O
FT
PC11
-
-
-
53
-
PC12
I/O
FT
PC12
-
-
5
5
2
PD0
I/O
FT
OSC_IN(8)
--
6
6
3
PD1
I/O
FT
OSC_OUT(8)
--
-
54
-
PD2
I/O
FT
PD2
TIM3_ETR
-
39
55 30
PB3
I/O
FT
JTDO
-
TIM2_CH2 / PB3
TRACESWO
SPI_SCK
40
56 31
PB4
I/O
FT
NJTRST
-
TIM3_CH1 / PB4
SPI_MISO
41
57 32
PB5
I/O
-
PB5
I2C_SMBA
TIM3_CH2 /
SPI_MOSI
42
58 33
PB6
I/O
FT
PB6
I2C_SCL(7)
USART1_TX
43
59 34
PB7
I/O
FT
PB7
I2C_SDA(7)
USART1_RX
44
60 35
BOOT0
I
-
BOOT0
-
-
45
61
-
PB8
I/O
FT
PB8
-
I2C_SCL
46
62
-
PB9
I/O
FT
PB9
-
I2C_SDA
47
63 36
VSS_3
S-
VSS_3
--
48
64
1
VDD_3
S-
VDD_3
--
1. I = input, O = output, S = supply.
2. FT= 5 V tolerant.
3. Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower
number of peripherals that is included. For example, if a device has only one SPI, two USARTs and two timers, they will be
called SPI, USART1 & USART2 and TIM2 & TIM 3, respectively. Refer to Table 2 on page 11.
4. If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
5. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited: the speed should not exceed 2 MHz with a maximum
load of 30 pF and these IOs must not be used as a current source (e.g. to drive an LED).
Table 4. Low-density STM32F101xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(3)(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com