Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101X6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F101X6
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F101X6 Datasheet HTML 56Page - STMicroelectronics STM32F101X6 Datasheet HTML 57Page - STMicroelectronics STM32F101X6 Datasheet HTML 58Page - STMicroelectronics STM32F101X6 Datasheet HTML 59Page - STMicroelectronics STM32F101X6 Datasheet HTML 60Page - STMicroelectronics STM32F101X6 Datasheet HTML 61Page - STMicroelectronics STM32F101X6 Datasheet HTML 62Page - STMicroelectronics STM32F101X6 Datasheet HTML 63Page - STMicroelectronics STM32F101X6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
60/87
DocID15058 Rev 6
5.3.15
TIM timer characteristics
The parameters given in Table 37 are guaranteed by design.
Refer to Section 5.3.12: I/O current injection characteristics for details on the input/output
alternate function characteristics (output compare, input capture, external clock, PWM
output).
5.3.16
Communications interfaces
I2C interface characteristics
The STM32F101xx Low-density access line I2C interface meets the requirements of the
standard I2C communication protocol with the following restrictions: the I/O pins SDA and
SCL are mapped to are not “true” open-drain. When configured as open-drain, the PMOS
connected between the I/O pin and VDD is disabled, but is still present.
The I2C characteristics are described in Table 38. Refer also to Section 5.3.12: I/O current
injection characteristics for more details on the input/output alternate function characteristics
(SDA and SCL).
Table 37. TIMx(1) characteristics
1. TIMx is used as a general term to refer to the TIM2, TIM3 and TIM4 timers.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 36 MHz 27.8
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
0fTIMxCLK/2
MHz
fTIMxCLK = 36 MHz
0
18
MHz
ResTIM
Timer resolution
-
-
16
bit
tCOUNTER
16-bit counter clock period
when internal clock is
selected
-
1
65536
tTIMxCLK
fTIMxCLK = 36 MHz 0.0278
1820
µs
tMAX_COUNT Maximum possible count
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 36 MHz
-
119.2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com